Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6603-1.8TC3T Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GM6603-1.8TC3T
Description  3.0A PRECISION LINEAR REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GM6603-1.8TC3T Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GM6603-1.8TC3T Datasheet HTML 2Page - List of Unclassifed Manufacturers GM6603-1.8TC3T Datasheet HTML 3Page - List of Unclassifed Manufacturers GM6603-1.8TC3T Datasheet HTML 4Page - List of Unclassifed Manufacturers GM6603-1.8TC3T Datasheet HTML 5Page - List of Unclassifed Manufacturers GM6603-1.8TC3T Datasheet HTML 6Page - List of Unclassifed Manufacturers GM6603-1.8TC3T Datasheet HTML 7Page - List of Unclassifed Manufacturers GM6603-1.8TC3T Datasheet HTML 8Page - List of Unclassifed Manufacturers GM6603-1.8TC3T Datasheet HTML 9Page - List of Unclassifed Manufacturers GM6603-1.8TC3T Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
G
GM6603
10
ORDERING NUMBER
GM 6603 1.8 TB3 T
Gamma Micro.
Circuit Type
Output Voltage
A: Adj, 1.5: 1.5V
1.8: 1.8V, 2.5: 2.5V
2.85: 2.85V, 3.0: 3.0V
3.3: 3.3V, 5.0: 5.0V
Package
TA3: TO-263-2
TB3: TO-220
TC3: TO-252
Shipping
T: Tube
R: Tape & Reel
TO-252 PACKAGE OUTLINE DIMENSIONS
Pad Layout
0.244
6.20
0.228
5.80
0.118
3.0
0.063
1.6
0.243
6.172
0.101
2.58
Inches
mm
(
)
6.50 ± 0.05
5.340 ± 0.05
29° ± 0.5°
REF 0.6
6.10 ± 0.05
7.20 ± 0.05
0.75 ± 0.10
0.89 ± 0.05
0.81 ± 0.038
2.30 ± 0.05
0.508 ± 0.0127
0.070 ± 0.05
1.0 ± 0.05
0.75 ± 0.10
1.525 ± 0.10
2.70 ± 0.10
9.900
R0.15 max
Unit: mm
R 0.25 ± 0.13


Similar Part No. - GM6603-1.8TC3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603-1.8TC3T GAMMA-GM6603-1.8TC3T Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603-1.8TC3T GAMMA-GM6603-1.8TC3T Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603-1.8TC3T GAMMA-GM6603-1.8TC3T Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603-1.8TC3TG GAMMA-GM6603-1.8TC3TG Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
More results

Similar Description - GM6603-1.8TC3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
List of Unclassifed Man...
GM6605 ETC1-GM6605 Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300_10 Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
SG Micro Corp
SGM2023 SGMICRO-SGM2023 Datasheet
309Kb / 12P
   RF-Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com