Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6603-ATC3T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GM6603-ATC3T
Description  3.0A PRECISION LINEAR REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GM6603-ATC3T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GM6603-ATC3T Datasheet HTML 1Page - List of Unclassifed Manufacturers GM6603-ATC3T Datasheet HTML 2Page - List of Unclassifed Manufacturers GM6603-ATC3T Datasheet HTML 3Page - List of Unclassifed Manufacturers GM6603-ATC3T Datasheet HTML 4Page - List of Unclassifed Manufacturers GM6603-ATC3T Datasheet HTML 5Page - List of Unclassifed Manufacturers GM6603-ATC3T Datasheet HTML 6Page - List of Unclassifed Manufacturers GM6603-ATC3T Datasheet HTML 7Page - List of Unclassifed Manufacturers GM6603-ATC3T Datasheet HTML 8Page - List of Unclassifed Manufacturers GM6603-ATC3T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MARKING INFORMATION & PIN CONFIGURATIONS(Top View)
TO-220
V
IN
V
OUT
ADJ/GND*
On fixed versions Pin 1 = GND,
on adjustable versions Pin 1 = A
Tab = V
OUT
DJ
V V, V = Output Voltage(A =
,33 = 3.3V)
A
= Assembly Location
Y
= Year
W W = Work Week
Adj
Package
Shipping
TO-252
TO-252
TO-252
80
/ Tube
Units
80
/ Tube
Units
80
/ Tube
Units
2,500
/ Tape & Reel
Units
2,500
/ Tape & Reel
Units
2,500
/ Tape & Reel
Units
50
/ Tube
Units
50
/ Tube
Units
50
/ Tube
Units
50
/ Tube
Units
50
/ Tube
Units
50
/ Tube
Units
TO-263-2
TO-263-2
TO-263-2
TO-263-2
TO-263-2
TO-263-2
TO-263-2
TO-263-2
TO-263-2
TO-263-2
TO-263-2
TO-263-2
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
800
/ Tape &Reel
Units
800
/ Tape &Reel
Units
800
/ Tape &Reel
Units
800
/ Tape &Reel
Units
800
/ Tape &Reel
Units
800
/ Tape &Reel
Units
GM6603-ATC3T
GM6603-1.8TC3T
GM6603-3.0TC3T
GM6603-ATC3R
GM6603-1.8TC3R
GM6603-3.0TC3R
GM6603-ATB3T
GM6603-1.8TB3T
GM6603-3.0TB3T
GM6603-1.5TB3T
GM6603-2.5TB3T
GM6603-2.85TB3T
Ordering Number
GM6603-ATA3T
GM6603-1.8TA3T
GM6603-3.0TA3T
GM6603-1.5TA3T
GM6603-2.5TA3T
GM6603-2.85TA3T
GM6603-ATA3R
GM6603-1.8TA3R
GM6603-3.0TA3R
GM6603-1.5TA3R
GM6603-2.5TA3R
GM6603-2.85TA3R
Output Voltage
Adj
1.8
3.0
3.0
3.0
3.0
3.0
1.8
1.8
1.8
1.8
1.5
2.5
2.85
2.5
2.85
2.5
2.85
1.5
1.5
TO-252
TO-252
TO-252
TO-220
TO-220
TO-220
TO-220
TO-220
TO-220
GM6603
2
GM6603
VVAYWW
Adj
Adj
Adj
Adj
TO-252(DPAK)
GM6603
VVAYWW
V
IN
V
OUT
ADJ/GND*
GM6603
VVAYWW
2
TO-263-2 (D PAK)
V
IN
V
OUT
ADJ/GND*
ORDERING INFORMATION
* For detail Ordering Number identification, please see last page.


Similar Part No. - GM6603-ATC3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603-ATC3T GAMMA-GM6603-ATC3T Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603-ATC3T GAMMA-GM6603-ATC3T Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603-ATC3T GAMMA-GM6603-ATC3T Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603-ATC3TG GAMMA-GM6603-ATC3TG Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
More results

Similar Description - GM6603-ATC3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
List of Unclassifed Man...
GM6605 ETC1-GM6605 Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300_10 Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
SG Micro Corp
SGM2023 SGMICRO-SGM2023 Datasheet
309Kb / 12P
   RF-Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com