Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX74063-36 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # CX74063-36
Description  RF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM, GPRS, and EDGE Applications
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX74063-36 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  CX74063-36 Datasheet HTML 1Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 2Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 3Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 4Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 5Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 6Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 7Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 8Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Skyworks Solutions, Inc., Proprietary and Confidential
1
103116C
[781] 376-3000 I FAX [781] 376-3100 I SALES@SKYWORKSINC.COM I WWW.SKYWORKSINC.COM
NOVEMBER 25, 2003
DATA SHEET
CX74063-3x: RF Transceiver with Power Ramping Controller
and Integrated Crystal Oscillator with 13 MHz Output for
Multi-Band GSM, GPRS, and EDGE Applications
APPLICATIONS
GSM850, EGSM900, DCS1800, and PCS1900 handsets
GPRS handsets and modules
EDGE downlink support
FEATURES
Direct down-conversion receiver eliminates the external
image reject/IF filters
Three separate LNAs with single-ended inputs
RF gain range: GSM = 20 dB, DCS = 22 dB,
PCS = 20 dB. Baseband gain range = 100 dB
Gain selectable in 2 dB steps
Integrated receive baseband filters with tunable bandwidth
Integrated DC offset correction sequencer
Reduced filtering requirements with translational loop
transmit architecture
Integrated transmit VCOs
Wide RF range for quad band operation
Integrated PAC loop
Single integrated, fully programmable fractional-N
synthesizer suitable for multi-slot GPRS operation
Fully integrated wideband Ultra High Frequency (UHF) VCO
Integrated crystal oscillator
Separate enable lines for power management transmit,
receive, and synthesizer modes
Supply voltage down to 2.6 V
Band select and front-end enable states may be exercised
on output pins to control external circuitry.
Low external component count
Optional bypass of baseband filtering for use with high
dynamic range Analog to Digital Converters (ADCs) for
current savings
Interfaces to low dynamic range ADC
Meets AM suppression requirements without baseband
interaction.
56-pin RFLGA 8x8 mm package (low temperature option,
CX74063-34; high temperature option, CX74063-35 and
CX74063-36)
Low power standby mode
DESCRIPTION
The CX74063-3x transceiver (including –34, -35, and –36
package options) is a highly integrated device for multi-band
Global System for Mobile Communications™ (GSM™) or
General Packet Radio Service (GPRS) applications. The device
requires a minimal number of external components to
complete a GSM radio subsystem. The CX74063-3x supports
GSM850, EGSM900, DCS1800, and PCS1900 applications. The
receiver also supports downlink Enhanced Data-Rate GSM
Evolution (EDGE).
The receive path implements a direct down-conversion
architecture that eliminates the need for Intermediate
Frequency (IF) components. The CX74063-3x receiver consists
of three integrated Low Noise Amplifiers (LNAs), a quadrature
demodulator, tunable receiver baseband filters, and a DC-
offset correction sequencer.
In the transmit path, the device consists of an In-phase and
Quadrature (I/Q) modulator within a frequency translation loop
designed to perform frequency up-conversion with high output
spectral purity. This loop also contains a phase-frequency
detector, charge pump, mixer, programmable dividers, and
high power transmit Voltage Controlled Oscillators (VCOs) with
no external tank required. With the integrated gain controller
(and an integrator ), the device realizes the Power Amplifier
Control (PAC) functionality when combined with a coupler, a
Radio Frequency (RF) detector and a Power Amplifier (PA).
The CX74063-3x also features an integrated, fully
programmable, sigma-delta fractional-N synthesizer suitable
for GPRS multi-slot operation. Except for the loop filter, the
frequency synthesizer function, including a wideband VCO, is
completely on-chip. The reference frequency for the
synthesizer is supplied by the integrated crystal oscillator
circuitry.
The 56-pin 8x8 RF Land Grid Array (RFLGA™) device package
and pin configuration are shown in Figure 1. A functional block
diagram is shown in Figure 2. Signal pin assignments,
functional pin descriptions, and equivalent circuitry are
provided in Table 1.


Similar Part No. - CX74063-36

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74063-26 SKYWORKS-CX74063-26 Datasheet
1Mb / 59P
   RF Transceiver for Multi-Band GSM, GPRS, and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output
More results

Similar Description - CX74063-36

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74063 SKYWORKS-CX74063 Datasheet
118Kb / 2P
   RF Transceiver for Multi-Band GSM/GPRS/EDGE Applications with Integrated Crystal Oscillator and Power Ramping Controller
CX74063-26 SKYWORKS-CX74063-26 Datasheet
1Mb / 59P
   RF Transceiver for Multi-Band GSM, GPRS, and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output
SKY74963 SKYWORKS-SKY74963 Datasheet
64Kb / 2P
   SKY74963: RF Transceiver With Power Ramping Controller and Integrated Crystal Oscillator for Multi-Band GSM, GPRS, and EDGE Applications
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
CX20460 ETC-CX20460 Datasheet
144Kb / 4P
   Power Management Integrated Circuit for GSM and GPRS Applications
CX20505 ETC-CX20505 Datasheet
99Kb / 4P
   Integrated Analog Device for GSM and GPRS Applications
logo
Silicon Laboratories
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com