Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX74063-26 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # CX74063-26
Description  RF Transceiver for Multi-Band GSM, GPRS, and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX74063-26 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  CX74063-26 Datasheet HTML 1Page - Skyworks Solutions Inc. CX74063-26 Datasheet HTML 2Page - Skyworks Solutions Inc. CX74063-26 Datasheet HTML 3Page - Skyworks Solutions Inc. CX74063-26 Datasheet HTML 4Page - Skyworks Solutions Inc. CX74063-26 Datasheet HTML 5Page - Skyworks Solutions Inc. CX74063-26 Datasheet HTML 6Page - Skyworks Solutions Inc. CX74063-26 Datasheet HTML 7Page - Skyworks Solutions Inc. CX74063-26 Datasheet HTML 8Page - Skyworks Solutions Inc. CX74063-26 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
Data Sheet I CX74063-26
4
Skyworks Solutions, Inc., Proprietary and Confidential
MAY 16, 2003
[781] 376-3000 I FAX [781] 376-3100 I SALES@SKYWORKSINC.COM I WWW.SKYWORKSINC.COM
103052A
Table 1. CX74063-26 Signal Descriptions (1 of 5)
Pin #
Name
Description
Equivalent Circuit
1
RXENA
Receiver enable input
2
TXENA
Transmitter enable input
3
PCO
Bi-directional band select
4
VCXO_EN
VCXO enable pin
5
PDETVCC
Bias for the RF Detector
Vref
Vout
6
VCC1
LNA and TX charge pump supply
VCC1
7
TXCPO
Translational loop charge pump output
8
TXINP
Translational loop feedback input
9
LNA900IN
Low band LNA input for GSM850,
EGSM900
10
GNDLNA900
Low band LNA emitter ground


Similar Part No. - CX74063-26

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74063-34 SKYWORKS-CX74063-34 Datasheet
1Mb / 62P
   RF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM, GPRS, and EDGE Applications
CX74063-35 SKYWORKS-CX74063-35 Datasheet
1Mb / 62P
   RF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM, GPRS, and EDGE Applications
CX74063-36 SKYWORKS-CX74063-36 Datasheet
1Mb / 62P
   RF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM, GPRS, and EDGE Applications
CX74063-3X SKYWORKS-CX74063-3X Datasheet
1Mb / 62P
   RF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM, GPRS, and EDGE Applications
More results

Similar Description - CX74063-26

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74063 SKYWORKS-CX74063 Datasheet
118Kb / 2P
   RF Transceiver for Multi-Band GSM/GPRS/EDGE Applications with Integrated Crystal Oscillator and Power Ramping Controller
CX74063-3X SKYWORKS-CX74063-3X Datasheet
1Mb / 62P
   RF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM, GPRS, and EDGE Applications
SKY74963 SKYWORKS-SKY74963 Datasheet
64Kb / 2P
   SKY74963: RF Transceiver With Power Ramping Controller and Integrated Crystal Oscillator for Multi-Band GSM, GPRS, and EDGE Applications
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
CX20460 ETC-CX20460 Datasheet
144Kb / 4P
   Power Management Integrated Circuit for GSM and GPRS Applications
CX20505 ETC-CX20505 Datasheet
99Kb / 4P
   Integrated Analog Device for GSM and GPRS Applications
logo
Silicon Laboratories
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com