Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5318-33YD5 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5318-33YD5
Description  High Performance 300mA uCap ULDO TM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5318-33YD5 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5318-33YD5 Datasheet HTML 3Page - Micrel Semiconductor MIC5318-33YD5 Datasheet HTML 4Page - Micrel Semiconductor MIC5318-33YD5 Datasheet HTML 5Page - Micrel Semiconductor MIC5318-33YD5 Datasheet HTML 6Page - Micrel Semiconductor MIC5318-33YD5 Datasheet HTML 7Page - Micrel Semiconductor MIC5318-33YD5 Datasheet HTML 8Page - Micrel Semiconductor MIC5318-33YD5 Datasheet HTML 9Page - Micrel Semiconductor MIC5318-33YD5 Datasheet HTML 10Page - Micrel Semiconductor MIC5318-33YD5 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Micrel, Inc.
MIC5318
January 2007
9
M9999-011207
PD(MAX) =
TJ(MAX) - TA
JA
TJ(max) = 125°C, the maximum junction temperature of
the die θJA thermal resistance = 100°C/W.
The table below shows junction-to-ambient thermal
resistance for the MIC5318 in the 6-pin 1.6mm x
1.6mm Thin MLF
® package.
Package
θJA Recommended
Minimum Footprint
6-Pin 1.6x1.6 Thin MLF
®
100°C/W
Thermal Resistance
Substituting PD for PD(max) and solving for the ambient
operating
temperature
will
give
the
maximum
operating conditions for the regulator circuit. The
junction-to-ambient
thermal
resistance
for
the
minimum footprint is 100°C/W.
The maximum power dissipation must not be
exceeded for proper operation.
For example, when operating the MIC5318-2.8YMT at
an input voltage of 3.3V and 300mA load with a
minimum footprint layout, the maximum ambient
operating temperature TA can be determined as
follows:
0.15W = (125°C – TA)/(100°C/W)
TA = 110°C
Therefore, a 2.8V application with 300mA of output
current can accept an ambient operating temperature
of 110°C in a 1.6mm x 1.6mm Thin MLF
® package.
For a full discussion of heat sinking and thermal
effects on voltage regulators, refer to the “Regulator
Thermals” section of Micrel’s Designing with Low-
Dropout Voltage Regulators
handbook. This informa-
tion can be found on Micrel's website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf


Similar Part No. - MIC5318-33YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5318-3.3YD5 MICREL-MIC5318-3.3YD5 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318-3.3YMT MICREL-MIC5318-3.3YMT Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
More results

Similar Description - MIC5318-33YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5331 MICREL-MIC5331 Datasheet
279Kb / 10P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5332 MICREL-MIC5332_08 Datasheet
382Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5333 MICREL-MIC5333 Datasheet
349Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO??with Dual POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com