Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5318-18YMT Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5318-18YMT
Description  High Performance 300mA uCap ULDO TM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5318-18YMT Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5318-18YMT Datasheet HTML 1Page - Micrel Semiconductor MIC5318-18YMT Datasheet HTML 2Page - Micrel Semiconductor MIC5318-18YMT Datasheet HTML 3Page - Micrel Semiconductor MIC5318-18YMT Datasheet HTML 4Page - Micrel Semiconductor MIC5318-18YMT Datasheet HTML 5Page - Micrel Semiconductor MIC5318-18YMT Datasheet HTML 6Page - Micrel Semiconductor MIC5318-18YMT Datasheet HTML 7Page - Micrel Semiconductor MIC5318-18YMT Datasheet HTML 8Page - Micrel Semiconductor MIC5318-18YMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
MIC5318
January 2007
5
M9999-011207
Absolute Maximum Ratings(1)
Supply Voltage (VIN) ..................................0V to +6.5V
Enable Input Voltage (VEN)........................0V to +6.5V
Power Dissipation, Internally Limited
(3)
Lead Temperature (soldering, 3sec) ..................260°C
Junction Temperature (TJ)................ –40°C to +125°C
Storage Temperature (TS)................ –65°C to +150°C
ESD Rating
(4)
Operating Ratings(2)
Supply Voltage (VIN).............................. +2.3V to +6.0V
Enable Input Voltage (VEN).............................. 0V to VIN
Junction Temperature (TJ) ................. –40°C to +125°C
Junction Thermal Resistance
Thin MLF-6 (
θJA)...................................... 100°C/W
TSOT-23-5 (
θJA) ...................................... 235°C/W
Electrical Characteristics(5)
VIN = VOUT + 1.0V; COUT = 1.0µF; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to +125°C, unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Variation from nominal VOUT
-2.0
+2.0
%
Output Voltage Accuracy
Variation from nominal VOUT; –40°C to +125°C
-3.0
+3.0
%
Line Regulation
VIN = VOUT + 1V to 6.0V; IOUT = 100µA
0.02
0.6
%/V
Load Regulation, Note 6
IOUT = 100µA to 300mA
0.2
2.0
%
Dropout Voltage, Note 7
IOUT = 50mA; VOUT ≥ 2.8V
IOUT = 150mA; VOUT ≥ 2.8V
IOUT = 300mA; VOUT ≥ 2.8V
17
50
110
100
200
mV
mV
mV
Ground Pin Current, Note 8
IOUT = 0 to 300mA
85
150
µA
Ground Pin Current in
Shutdown
VEN ≤ 0.2V
0.01
1
µA
Ripple Rejection
f = up to 1kHz; COUT = 1.0µF; CBYP = 0.1µF
f = 1kHz – 20kHz; COUT = 1.0µF; CBYP = 0.1µF
75
55
dB
dB
Current Limit
VOUT = 0V
340
500
900
mA
Output Voltage Noise
COUT = 1.0µF; CBYP = 0.1µF; 10Hz to 100kHz
30
µVRMS
Enable Input
Logic Low
0.2
V
Enable Input Voltage
Logic High
1
V
VIL ≤ 0.2V
0.01
1
µA
Enable Input Current
VIH ≥ 1.0V
0.01
1
µA
Turn-on Time
Turn-on Time
COUT = 1.0µF; CBYP = 0.1µF; IOUT = 150mA
30
100
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model.
5. Specification for packaged product only.
6. Regulation is measured at constant junction temperature using low duty cycle pulse testing, changes in output voltage due to heating effects
are covered by the thermal regulation specification.
7. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential. For outputs below 2.3V, dropout voltage is the input-to-output differential with the minimum input voltage 2.3V.
8. Ground pin current is the regulation quiescent current. The total current drawn from the supply is the sum of the load current plus the ground
pin current.


Similar Part No. - MIC5318-18YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5318-1.5YD5 MICREL-MIC5318-1.5YD5 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318-1.5YMT MICREL-MIC5318-1.5YMT Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318-1.8YD5 MICREL-MIC5318-1.8YD5 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318-1.8YMT MICREL-MIC5318-1.8YMT Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
More results

Similar Description - MIC5318-18YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5331 MICREL-MIC5331 Datasheet
279Kb / 10P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5332 MICREL-MIC5332_08 Datasheet
382Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5333 MICREL-MIC5333 Datasheet
349Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO??with Dual POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com