Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC238 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M74HC238
Description  3 TO 8 LINE DECODER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC238 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M74HC238 Datasheet HTML 2Page - STMicroelectronics M74HC238 Datasheet HTML 3Page - STMicroelectronics M74HC238 Datasheet HTML 4Page - STMicroelectronics M74HC238 Datasheet HTML 5Page - STMicroelectronics M74HC238 Datasheet HTML 6Page - STMicroelectronics M74HC238 Datasheet HTML 7Page - STMicroelectronics M74HC238 Datasheet HTML 8Page - STMicroelectronics M74HC238 Datasheet HTML 9Page - STMicroelectronics M74HC238 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
M74HC238
6/10
WAVEFORM 1: PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle)


Similar Part No. - M74HC238

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC238 STMICROELECTRONICS-M74HC238 Datasheet
247Kb / 10P
   3 TO 8 LINE DECODER
M74HC238B1R STMICROELECTRONICS-M74HC238B1R Datasheet
247Kb / 10P
   3 TO 8 LINE DECODER
M74HC238C1R STMICROELECTRONICS-M74HC238C1R Datasheet
247Kb / 10P
   3 TO 8 LINE DECODER
M74HC238M1R STMICROELECTRONICS-M74HC238M1R Datasheet
247Kb / 10P
   3 TO 8 LINE DECODER
More results

Similar Description - M74HC238

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
   3-to-8 Line Decoder
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
   3-to-8 Line Decoder
TC74HCT138AF TOSHIBA-TC74HCT138AF_12 Datasheet
236Kb / 7P
   3-to-8 Line Decoder
logo
STMicroelectronics
74VHC238 STMICROELECTRONICS-74VHC238 Datasheet
64Kb / 8P
   3 TO 8 LINE DECODER
June 1999
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
63Kb / 8P
   3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
234Kb / 6P
   3-TO-8 LINE DECODER
TC7MH238FK TOSHIBA-TC7MH238FK Datasheet
204Kb / 5P
   3-TO-8 LINE DECODER
TC74VHCT138AF TOSHIBA-TC74VHCT138AF Datasheet
240Kb / 7P
   3-TO-8 LINE DECODER
logo
Fairchild Semiconductor
MM74HC138 FAIRCHILD-MM74HC138 Datasheet
73Kb / 7P
   3-to-8 Line Decoder
logo
Toshiba Semiconductor
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
   3-to-8 Line Decoder
2016-08-18
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A Datasheet
155Kb / 6P
   3-to-8 Line Decoder
1997 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com