Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC7139 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC7139
Description  Quad Transceiver for Gigabit Ethernet and Fibre Channel
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7139 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC7139 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC7139
Quad Transceiver for
Gigabit Ethernet and Fibre Channel
G52196-0, Rev 3.3
Page 7
5/14/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 4: Receive Timing Waveforms
Table 4: Receive AC Characteristics
NOTE: (1) Probability of recovery for data acquisition is 95% per Section 5.3 of FC-PH, rev. 4.3.
Parameters
Description
Min
Typ
Max
Units
Conditions
T1
TTL Outputs Valid prior to RCx1/
RCx0 rise
4.0
3.0
TBD
ns
@ 1.0625Gb/s
@ 1.25Gb/s
@ 1.36Gb/s
T2
TTL Outputs Valid after RCx1 or
RCx0 rise
3.0
2.0
TBD
ns
@ 1.0625Gb/s
@ 1.25Gb/s
@ 1.36Gb/s
T3
Delay between rising edge of RCx1
to rising edge of RCx0
10 x TRX
-500
10 x TRX
+500
ps
TRX is the bit period of the
incoming data on Rx.
T4
Period of RCx1 and RCx0
1.98 x
TREF
2.02 x
TREF
ps
Whether or not locked to
serial data.
TR, TF
TTL Output rise and fall time
——
2.4
ns
Between VIL(max) and
VIH(min), into 10 pf. load.
RLAT
Latency from serial bit Rx0 to rising
edge RCx1
12bc +
2.77ns
13bc +
7.28ns
bc = Bit clock
ns = Nano second
TLOCK
Data acquisition lock time(1)
——
1400
bit
times
8B/10B IDLE pattern.
Tested on a sample basis
RCx0
Rx(0:9)
RCx1
SYNCx
RCM=LOW
RCx0
RCx1
RCM=HIGH
VALID
VALID
VALID
T1
T2
RLAT
+/-Rx
Rx0
Rx1
Rx2
RCx1


Similar Part No. - VSC7139

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132YB VITESSE-VSC7132YB Datasheet
101Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
   10-bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7133QU VITESSE-VSC7133QU Datasheet
304Kb / 18P
   10-bit Transceiver for Fibre Channel and Gigabit Ethernet
More results

Similar Description - VSC7139

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
Applied Micro Circuits ...
S2070 AMCC-S2070 Datasheet
168Kb / 20P
   FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
Vitesse Semiconductor C...
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
   10-bit Transceiver for Fibre Channel and Gigabit Ethernet
logo
Hitachi Semiconductor
HTR6516 HITACHI-HTR6516 Datasheet
569Kb / 16P
   SFP TRANSCEIVER for Gigabit Ethernet Fibre Channel
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
   Gigabit Ethernet and Fibre Channel SFPs
logo
Vitesse Semiconductor C...
VSC7186 VITESSE-VSC7186 Datasheet
221Kb / 16P
   Quad Transceiver for Gigabit Ethernet
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
   Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com