Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF31M1-LYCATXX Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # MF31M1-LYCATXX
Description  8/16-bit Data Bus Static RAM Card
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF31M1-LYCATXX Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button MF31M1-LYCATXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF31M1-LYCATXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF31M1-LYCATXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF31M1-LYCATXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF31M1-LYCATXX Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MF31M1-LYCATXX Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MF31M1-LYCATXX Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MF31M1-LYCATXX Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MF31M1-LYCATXX Datasheet HTML 14Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MITSUBISHI MEMORY CARD
STATIC RAM CARDS
MITSUBISHI
ELECTRIC
10/14
Apr. 1999 Rev. 1.2
TIMING DIAGRAM (Attribute)
Read Cycle
WE#=“H” level
REG#=“L” level
Note 5 : Test Conditions
Input pulse levels
: VIL=0.4V, VIH=4.0V
Input pulse rise, fall time : tr=tf=10ns
Reference voltage
Input
: VIL=0.8V, VIH=3.5V
Output
: VOL=0.8V, VOH=3.0V
(ten and tdis are measured when output voltage is ± 500mV from steady state. )
Load
: 100pF + 1 TTL gate
5pF + 1 TTL gate (at ten and tdis measuring)
6 :
Indicates the don’t care input
7 : Writing is executed in overlap of CE# and WE# are “L” level. (only for Common Memory)
8 : Don’t apply inverted phase signal externally when Dm pin is in output mode.
9 : CE# is indicated as follows:
Read A/Write A : CE#=CE1#=CE2#
Read B/Write B : CE#=CE1#, CE2#=“H” level
Read C/Write C : CE#=CE2#, CE1#=“H” level
tcRR
t
a
(A)R
ta
(CE)R
ten(CE)R
ten(OE)R
tdis(OE)R
tV
(A)R
ta(OE)R
OUTPUT VALID
Hi-Z
tdis(CE)R
An
VIH
Dm
(DOUT)
VOH
VOL
OE#
VIH
VIL
CE#
VIH
VIL
VIL


Similar Part No. - MF31M1-LYCATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF31M1-LCDATXX MITSUBISHI-MF31M1-LCDATXX Datasheet
254Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF31M1-LSDATXX MITSUBISHI-MF31M1-LSDATXX Datasheet
254Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF31M1-LZCATXX MITSUBISHI-MF31M1-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
More results

Similar Description - MF31M1-LYCATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF365A-LCDATXX MITSUBISHI-MF365A-LCDATXX Datasheet
254Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF38M1-LCDAGXX MITSUBISHI-MF38M1-LCDAGXX Datasheet
258Kb / 9P
   8/16-bit Data Bus Static RAM Card
MF38M1-L6DAGXX MITSUBISHI-MF38M1-L6DAGXX Datasheet
316Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF365A-J9CATXX MITSUBISHI-MF365A-J9CATXX Datasheet
102Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF82M1-GMCAVXX MITSUBISHI-MF82M1-GMCAVXX Datasheet
148Kb / 22P
   8/16-bit Data Bus Flash Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com