Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM810 Datasheet(PDF) 2 Page - Microchip Technology

Part # TCM810
Description  3-Pin Microcontroller Reset Monitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM810 Datasheet(HTML) 2 Page - Microchip Technology

  TCM810 Datasheet HTML 1Page - Microchip Technology TCM810 Datasheet HTML 2Page - Microchip Technology TCM810 Datasheet HTML 3Page - Microchip Technology TCM810 Datasheet HTML 4Page - Microchip Technology TCM810 Datasheet HTML 5Page - Microchip Technology TCM810 Datasheet HTML 6Page - Microchip Technology TCM810 Datasheet HTML 7Page - Microchip Technology TCM810 Datasheet HTML 8Page - Microchip Technology TCM810 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TCM809/TCM810
DS21661C-page 2
 2004 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage (VDD to GND) ..........................................6.0V
RESET, RESET.................................... – 0.3V to (VDD +0.3V)
Input Current, VDD.........................................................20 mA
Output Current, RESET, RESET...................................20 mA
dV/dt (VDD)............................................................. 100V/µsec
Operating Temperature Range.................... – 40°C to +125°C
Power Dissipation (TA = 70°C):
3-Pin SOT-23B (derate 4 mW/°C above +70°C) ......320 mW
3-Pin SC-70 (derate 2.17 mW/°C above +70°C)......174 mW
Storage Temperature Range ....................... – 65°C to +150°C
Maximum Junction Temperature, T
J.............................. 150°C
† Notice: Stresses above those listed under “Maximum ratings” may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is
not implied. Exposure to maximum rating conditions for extended peri-
ods may affect device reliability.
PIN FUNCTION TABLE
NAME
FUNCTION
GND
Ground.
RESET (TCM809) RESET push-pull output
remains low while VDD is below
the reset voltage threshold and
for 240 msec (140 msec min.)
after VDD rises above reset
threshold.
RESET (TCM810) RESET push-pull output
remains high while VDD is below
the reset voltage threshold and
for 240 msec (140 msec min.)
after VDD rises above reset
threshold.
VDD
Supply voltage (+2.5V, +3.0V,
+3.3V, +5.0V).
ELECTRICAL CHARACTERISTICS
VDD = Full Range, TA = Operating Temperature Range, unless otherwise noted. Typical values are at TA = +25°C,
VDD = 5V for L/M/J, 3.3V for T/S, 3.0V for R and 2.5V for Z (Note 1).
Parameter
Sym
Min
Typ
Max
Units
Test Conditions
VDD Range
1.0
5.5
V
TA = 0°C to +70°C
1.2
5.5
TA = – 40°C to +125°C
Supply Current
ICC
—12
30
µA
TCM8xxL/M/J:
VDD < 5.5V
—9
25
TCM8xxR/S/T/Z:
VDD < 3.6V
Reset Threshold (Note 2)
VTH
4.56
4.63
4.70
V
TCM8xxL:
TA = +25°C
4.50
4.75
TA = – 40°C to +125°C
4.31
4.38
4.45
V
TCM8xxM:
TA = +25°C
4.25
4.50
V
TA = – 40°C to +125°C
3.93
4.00
4.06
V
TCM809J:
TA = +25°C
3.89
4.10
V
TA = – 40°C to +125°C
3.04
3.08
3.11
V
TCM8xxT:
TA = +25°C
3.00
3.15
V
TA = – 40°C to +125°C
2.89
2.93
2.96
V
TCM8xxS:
TA = +25°C
2.85
3.00
V
TA = – 40°C to +125°C
2.59
2.63
2.66
V
TCM8xxR:
TA = +25°C
2.55
2.70
V
TA = – 40°C to +125°C
2.28
2.32
2.35
V
TCM8xxZ:
TA = +25°C
2.25
2.38
V
TA = – 40°C to +125°C
Reset Threshold Tempco
30
ppm/°C
VDD to Reset Delay,
65
µsec
VDD = VTH to (VTH – 100 mV) (Note 2)
Reset Active Time Out
Period
140
320
560
msec
Note
1:
Production testing done at T
A = +25°C, overtemperature limits ensured by QC screen.
2: RESET output for TCM809, RESET output for TCM810.


Similar Part No. - TCM810

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCM810 TELCOM-TCM810 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
logo
Microchip Technology
TCM810 MICROCHIP-TCM810 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM810 MICROCHIP-TCM810 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
TCM810JEB713 MICROCHIP-TCM810JEB713 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM810JELB713 MICROCHIP-TCM810JELB713 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
More results

Similar Description - TCM810

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
TCM811 MICROCHIP-TCM811 Datasheet
258Kb / 14P
   4-Pin Microcontroller Reset Monitors
2002
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
logo
Microchip Technology
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2002
TC1274 MICROCHIP-TC1274 Datasheet
224Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2003
TC1278 MICROCHIP-TC1278_07 Datasheet
452Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com