Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ54C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SMCJ54C
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMCJ54C Datasheet(HTML) 1 Page - Vishay Siliconix

  SMCJ54C Datasheet HTML 1Page - Vishay Siliconix SMCJ54C Datasheet HTML 2Page - Vishay Siliconix SMCJ54C Datasheet HTML 3Page - Vishay Siliconix SMCJ54C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMCJ5.0 thru 188CA
Vishay Semiconductors
formerly General Semiconductor
Document Number 88394
www.vishay.com
26-Sep-02
1
Surface Mount TRANSZORB
®
Transient Voltage Suppressors
Stand-off Voltage 5.0 to 188V
Peak Pulse Power 1500W
0.280 (7.11)
0.260 (6.60)
0.012 (0.305)
0.006 (0.152)
0.008
(0.203)
Max.
0.320 (8.13)
0.305 (7.75)
0.060 (1.52)
0.030 (0.76)
0.245 (6.22)
0.220 (5.59)
0.126 (3.20)
0.114 (2.90)
0.103 (2.62)
0.079 (2.06)
Cathode Band
Dimensions in inches
and (millimeters)
Features
• Underwriters Laboratory Recognition under UL standard
for safety 497B: Isolated Loop Circuit Protection
• Low profile package with built-in strain relief for
surface mounted applications
• Glass passivated junction
• Low incremental surge resistance, excellent clamping
capability
• 1500W peak pulse power capability with a 10/1000
µs
waveform, repetition rate (duty cycle): 0.01%
• Very fast response time
• High temperature soldering guaranteed:
250°C/10 seconds at terminals
Mechanical Data
Case: JEDEC DO-214AB molded plastic over
passivated junction
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity: For unidirectional types the band denotes the
cathode, which is positive with respect to the anode
under normal TVS operation
Weight: 0.007 oz., 0.21 g
Flammability: Epoxy is rated UL 94V-0
Packaging Codes – Options (Antistatic):
51 – 1K per Bulk box, 10K/carton
57 – 850 per 7" plastic Reel (16mm tape), 8.5K/carton
9A – 3.5K per 13" plastic Reel (16mm tape), 35K/carton
0.185 MAX.
(4.69 MAX.)
0.121 MIN.
(3.07 MIN.)
0.060 MIN.
(1.52 MIN.)
0.320 REF
Mounting Pad Layout
Extended
Voltage
Range
Devices for Bidirectional Applications
For bi-directional devices, use suffix C or CA (e.g. SMCJ10C, SMCJ10CA). Electrical characteristics apply in both directions.
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Peak pulse power dissipation with
PPPM
Minimum 1500
W
a 10/1000
µs waveform(1)(2)
Peak pulse current with a 10/1000
µs waveform(1)
IPPM
See Next Table
A
Peak forward surge current 8.3ms single half sine-wave (2)
IFSM
200
A
uni-directional only
Typical thermal resistance, junction to ambient (3)
R
θJA
75
°C/W
Typical thermal resistance, junction to lead
R
θJL
15
°C/W
Operating junction and storage temperature range
TJ, TSTG
–55 to +150
°C
Notes: (1) Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig. 2
(2) Mounted on 0.31 x 0.31” (8.0 x 8.0mm) copper pads to each terminal
(3) Mounted on minimum recommended pad layout
DO-214AB
(SMC J-Bend)


Similar Part No. - SMCJ54C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMCJ54C BYTES-SMCJ54C Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMCJ54C LUGUANG-SMCJ54C Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
Microsemi Corporation
SMCJ54C MICROSEMI-SMCJ54C Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Bruckewell Technology L...
SMCJ54C BWTECH-SMCJ54C Datasheet
183Kb / 4P
   SURFACE MOUNT BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
SMCJ54C DAESAN-SMCJ54C Datasheet
709Kb / 4P
   POWER 1500Watts VOLTAGE 5.0 to 188 Volts
More results

Similar Description - SMCJ54C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com