Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA4989 Datasheet(PDF) 1 Page - Filtran LTD

Part # TEA4989
Description  Audio Line Matching Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

TEA4989 Datasheet(HTML) 1 Page - Filtran LTD

  TEA4989 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEA4989 is an Audio Line match-
ing transformer with the following
features.
Low profile.
Conforms to FCC part 68,
Canadian CS 03 regulations.
Applications:
Line matching in 600 & 900
Ω cir-
cuits with up to 10 mA d.c. imbal-
ance.
Turns Ratio
1 : 1
1 c.t. : 1 c.t.
Insertion Loss
1000 Hz
1.5 dB
1.5 dB
Frequency Response
300 - 5000 Hz
< 1.0 dB
< 1.0 dB
Longitudinal Balance
300 - 5000Hz
> 65 dB
> 65 dB
Winding Resistance
(1 - 3)
88
Ω nom.
88
Ω nom.
(6 - 4)
106
Ω nom.
106
Ω nom.
Return Loss
300 - 5000 Hz
> 11 dB
> 11 dB
Dielectric Strength
1500 Vrms
1500 Vrms
TEA4989
1
3
6
4
TEA4989-1
1
2
3
6
5
4
All dimensions
are in inches
DOT AT
PIN 1
ELECTRICAL
TEA4989
TEA4989-1
MECHANICAL
Audio
Line Matching Transformer
TEA4989
Filtran Limited
229 Colonnade Road, Nepean, Ontario, K2E 7K3, Canada
8-9
Tel:(613)226-1626, Fax:(613)226-7124


Similar Part No. - TEA4989

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TEA4214 FILTRAN-TEA4214 Datasheet
27Kb / 1P
   Wide Band Line Matching Transformer
TEA4451 FILTRAN-TEA4451 Datasheet
29Kb / 1P
   Audio Line Matching Transformer
TEA4466 FILTRAN-TEA4466 Datasheet
20Kb / 1P
   Audio Line Matching Transformer
TEA4477 FILTRAN-TEA4477 Datasheet
21Kb / 1P
   Audio Line Matching Transformer
More results

Similar Description - TEA4989

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TLA3700 FILTRAN-TLA3700 Datasheet
117Kb / 1P
   Audio Line Matching Transformer
TLA4891 FILTRAN-TLA4891 Datasheet
44Kb / 1P
   Audio Line Matching Transformer
TLA6821 FILTRAN-TLA6821 Datasheet
114Kb / 1P
   Audio Line Matching Transformer
TEA5971 FILTRAN-TEA5971 Datasheet
39Kb / 1P
   Audio Line Matching Transformer
TLA6821-1 FILTRAN-TLA6821-1 Datasheet
114Kb / 1P
   Audio Line Matching Transformer
TPF0712 FILTRAN-TPF0712 Datasheet
32Kb / 1P
   Audio Line Matching Transformer
3853-2 FILTRAN-3853-2 Datasheet
135Kb / 1P
   Audio Line Matching Transformer
3853-X FILTRAN-3853-X Datasheet
140Kb / 1P
   Audio Line Matching Transformer
TLA4529 FILTRAN-TLA4529 Datasheet
51Kb / 1P
   Audio Line Matching Transformer
TLA0814 FILTRAN-TLA0814 Datasheet
27Kb / 1P
   Audio Line Matching Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com