Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTP4553-20 Datasheet(PDF) 1 Page - Filtran LTD

Part # CTP4553-20
Description  Toroidal Inductors Medium Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CTP4553-20 Datasheet(HTML) 1 Page - Filtran LTD

  CTP4553-20 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toroidal Inductors
Medium Current
CTP4553
MECHANICAL
ELECTRICAL SPECIFICATION
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
33-2
CTP4553 is a medium current inductor with the following data and features:
• Core type:
0.68” o.d., Moly-Permalloy
Powder, perm 60.
• Power rating: 0.86 watts for temp.
rise 50˚C.
• Typical applications:
Switching Inductors in
Switch Mode Power
Supplies.
Four mounting styles are offered:
1 Flying leads (1.00”), for vertical
or horizontal mounting.
2 4-pin header, for vertical mounting.
3 Threaded center hole, flying leads
(2.00”).
4 2-pin header, for vertical mounting.
Style 1
Style 2
Style 3
Style 4
0.85
0.33
0.80
1.00
0.95
0.25
0.60
0.67
0.75
0.85
0.45
Thread
#6-32
2.00
0.50
0.83
0.95
0.30
0.45
Ordering Information: Substitute the style number for the asterisk (*). Example: CTP4553, Style 1, 56uH.
Order: CTP4553 - 116
* 01
3.3
0.006
11.7
13.5
22.6
37.6
* 02
3.9
0.007
11.2
12.5
20.8
34.6
* 03
4.7
0.007
10.7
11.3
18.9
31.5
* 04
5.6
0.008
10.3
10.4
17.3
28.9
* 05
6.8
0.009
9.8
9.4
15.7
26.2
* 06
8.2
0.010
9.4
8.6
14.3
23.9
* 07
10
0.011
9.0
7.8
13.0
21.6
* 08
12
0.012
8.6
7.1
11.8
19.7
* 09
15
0.013
8.1
6.4
10.6
17.6
* 10
18
0.014
7.8
5.8
9.7
16.1
* 11
22
0.016
7.4
5.2
8.7
14.6
* 12
27
0.017
7.0
4.7
7.9
13.1
* 13
33
0.019
6.7
4.3
7.1
11.9
* 14
39
0.021
6.4
3.9
6.6
10.9
* 15
47
0.023
6.1
3.6
6.0
10.0
* 16
56
0.025
5.9
3.3
5.5
9.1
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4553 - (uH)
Ohms
Amp. RMS
10%
25%
50%
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4553 - (uH)
Ohms
Amp. RMS
10%
25%
50%
* 17
68
0.027
5.6
3.0
5.0
8.3
* 18
82
0.030
5.4
2.7
4.5
7.5
* 19
100
0.033
5.1
2.5
4.1
6.8
* 20
120
0.046
4.3
2.2
3.7
6.2
* 21
150
0.064
3.7
2.0
3.3
5.6
* 22
180
0.071
3.5
1.8
3.1
5.1
* 23
220
0.098
3.0
1.7
2.8
4.6
* 24
270
0.137
2.5
1.5
2.5
4.2
* 25
330
0.151
2.4
1.4
2.3
3.8
* 26
390
0.164
2.3
1.2
2.1
3.5
* 27
470
0.180
2.2
1.1
1.9
3.2
* 28
560
0.248
1.9
1.0
1.7
2.9


Similar Part No. - CTP4553-20

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4550 FILTRAN-CTP4550 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-01 FILTRAN-CTP4550-01 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-02 FILTRAN-CTP4550-02 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-03 FILTRAN-CTP4550-03 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-04 FILTRAN-CTP4550-04 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
More results

Similar Description - CTP4553-20

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4408 FILTRAN-CTP4408 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4555 FILTRAN-CTP4555 Datasheet
57Kb / 1P
   Toroidal Inductors Medium Current
CTP4407 FILTRAN-CTP4407 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4554 FILTRAN-CTP4554 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4557 FILTRAN-CTP4557 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4410 FILTRAN-CTP4410 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4559 FILTRAN-CTP4559 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4411 FILTRAN-CTP4411 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4560 FILTRAN-CTP4560 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4409 FILTRAN-CTP4409 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4552 FILTRAN-CTP4552 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com