Part Name
         Description
CTS5078

 T1/CEPT Current Compensated Quad Choke ( 1 Page)


FILTRAN
100% 
Zoom Out Zoom In
   
 1 page
background image
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
T1/CEPT
Current Compensated Quad Choke
CTS5078
MECHANICAL
An ISO 9001 Registered Company
CTS5078 is a 4-winding common mode choke. Specifically designed to suppress EMI on the primary rate
line (2 pairs) in the T1/CEPT interface.
Inductance, (1KHZ, 0.1 V)
each winding
0.2 mH +/- 30%
DC Resistance
each winding
< 0.05
Rated Voltage
winding / winding
100 VDC
Rated Current
each winding
100 mA
Dielectric Strength
winding / winding
500 Vrms
0.50" MAX
1.00"+/- 0.1"
TIN
0.20" MAX
0.22" NOM
1
8
2
7
3
6
4
5
0.040 "+/- 0.020"
0.05" NOM
8 PLACES
Typical applications are:
- Primary rate ISDN network nodes
- PBX or computer to T1/CEPT Digital trunks
- High speed data link using T1/Cept Digital trunks
- TDM Multiplexers
ELECTRICAL SPECIFICATION @ 25˚C
2-26



Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1202E200 V - 1 000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time 1 2 Voltage Multipliers Inc.
LTI202TP200 V - 1 000 V Positive Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time 1 2 Voltage Multipliers Inc.
SMF65292 000 V - 5 000 V Rectifiers 0.05 A - 0.25 A Forward Current 70 ns Recovery Time 1 Voltage Multipliers Inc.
NCP1595Current Mode PWM Converter for Low Voltage Outputs 1 2 3 4 5 MoreON Semiconductor
Z150FG15 000 V Rectifiers 0.30 A Forward Current 3000 ns Recovery Time 1 2 Voltage Multipliers Inc.
AQY210HLGU General Use Type 1-Channel Form A Current Limit Function 4-Pin Type 1 2 3 Nais(Matsushita Electric Works)
SP7618Constant Current LED Driver 1 2 3 4 5 MoreSipex Corporation
IDCP-3020High Current Surface Mount Inductor 1 2 Vishay Siliconix
CTP4556Toroidal Inductors Medium Current 1 Filtran LTD
ADG1311+-15 V/12 V Quad SPST Switches 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl