Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4506DX Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BU4506DX
Description  Silicon Diffused Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU4506DX Datasheet(HTML) 1 Page - NXP Semiconductors

  BU4506DX Datasheet HTML 1Page - NXP Semiconductors BU4506DX Datasheet HTML 2Page - NXP Semiconductors BU4506DX Datasheet HTML 3Page - NXP Semiconductors BU4506DX Datasheet HTML 4Page - NXP Semiconductors BU4506DX Datasheet HTML 5Page - NXP Semiconductors BU4506DX Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4506DX
GENERAL DESCRIPTION
Enhanced performance, new generation, high-voltage, high-speed switching npn transistor with integrated diode in
a plastic full-pack envelope intended for use in horizontal deflection circuits of colour television receivers. Features
exceptional tolerance to base drive and collector current load variations resulting in a very low worst case
dissipation.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
800
V
I
C
Collector current (DC)
-
5
A
I
CM
Collector current peak value
-
8
A
P
tot
Total power dissipation
T
hs ≤ 25 ˚C
-
45
W
V
CEsat
Collector-emitter saturation voltage
I
C = 3 A; IB = 0.75 A
-
3.0
V
I
Csat
Collector saturation current
f = 16 kHz
3.0
-
A
V
F
Diode forward voltage
I
F = 3.0 A
1.55
1.9
V
t
f
Fall time
I
Csat = 3.0 A;f = 16 kHz
300
400
ns
PINNING - SOT399
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
base
2
collector
3
emitter
case isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
800
V
I
C
Collector current (DC)
-
5
A
I
CM
Collector current peak value
-
8
A
I
B
Base current (DC)
-
3
A
I
BM
Base current peak value
-
5
A
-I
BM
Reverse base current peak value
1
-4
A
P
tot
Total power dissipation
T
hs
25 ˚C
-
45
W
T
stg
Storage temperature
-65
150
˚C
T
j
Junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-hs
Junction to heatsink
with heatsink compound
-
2.8
K/W
R
th j-a
Junction to ambient
in free air
32
-
K/W
case
12 3
b
c
e
Rbe
1 Turn-off current.
January 1999
1
Rev 1.000


Similar Part No. - BU4506DX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU4506DF PHILIPS-BU4506DF Datasheet
56Kb / 6P
   Silicon Diffused Power Transistor
January 1999 Rev 1.000
BU4506DZ PHILIPS-BU4506DZ Datasheet
57Kb / 6P
   Silicon Diffused Power Transistor
January 1999 Rev 1.000
More results

Similar Description - BU4506DX

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com