Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTP4411-19 Datasheet(PDF) 1 Page - Filtran LTD

Part # CTP4411-19
Description  Toroidal Inductors Medium Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CTP4411-19 Datasheet(HTML) 1 Page - Filtran LTD

  CTP4411-19 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* 01
3.3
0.003
39.7
17.9
35.8
71.7
* 02
3.9
0.004
34.0
16.5
33.0
65.9
* 03
4.7
0.004
32.5
15.0
30.0
60.0
* 04
5.6
0.005
31.1
13.8
27.5
55.0
* 05
6.8
0.006
26.5
12.5
25.0
49.9
* 06
8.2
0.007
25.3
11.4
22.7
45.9
* 07
10
0.008
24.1
10.3
20.6
41.2
* 08
12
0.008
23.1
9.4
18.8
37.6
* 09
15
0.012
19.4
8.4
16.8
33.6
* 10
18
0.013
18.6
7.7
15.3
30.7
* 11
22
0.014
17.7
6.9
13.9
27.8
* 12
27
0.016
16.8
6.3
12.5
25.1
* 13
33
0.018
16.0
5.7
11.3
22.7
* 14
39
0.019
15.4
5.2
10.4
20.8
* 15
47
0.021
14.7
4.7
9.5
19.0
* 16
56
0.023
14.1
4.3
8.7
17.4
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4411 - (uH)
Ohms
Amp. RMS
10%
25%
50%
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4411 - (uH)
Ohms
Amp. RMS
10%
25%
50%
* 17
68
0.025
13.4
3.9
7.9
15.8
* 18
82
0.027
12.8
3.6
7.2
14.4
* 19
100
0.030
12.2
3.3
6.5
13.0
* 20
120
0.033
11.6
3.0
5.9
11.9
* 21
150
0.037
11.0
2.7
5.3
10.6
* 22
180
0.041
10.5
2.4
4.9
9.7
* 23
220
0.045
10.0
2.2
4.4
8.8
* 24
270
0.050
9.5
2.0
4.0
7.9
* 25
330
0.055
9.1
1.8
3.6
7.2
* 26
390
0.175
7.7
1.6
3.3
6.6
* 27
470
0.104
6.6
1.5
3.0
6.0
* 28
560
0.113
6.3
1.4
2.8
5.5
Toroidal Inductors
Medium Current
CTP4411
MECHANICAL
ELECTRICAL SPECIFICATION
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
32-6
CTP4411 is a medium current inductor with the following data and features:
• Core type:
1.57” o.d., Iron Powder,
perm 75.
• Power rating: 4.50 watts for temp.
rise 50˚C.
• Typical applications:
Input and output filters
in Switch Mode Power
Supplies.
Three mounting styles are offered:
1 Flying leads (1.00”), for vertical
or horizontal mounting.
2 4-pin header, for vertical mounting.
3 Threaded center hole, flying leads
(2.00”).
Style 1
Style 2
Style 3
1.80
0.85
0.80
1.00
1.90
0.70
1.20
0.90
1.80
1.80
0.85
Thread
#10-32
2.00
0.50
Ordering Information: Substitute the style number for the asterisk (*). Example: CTP4411, Style 1, 56uH.
Order: CTP4411 - 116


Similar Part No. - CTP4411-19

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4410 FILTRAN-CTP4410 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4410-01 FILTRAN-CTP4410-01 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4410-02 FILTRAN-CTP4410-02 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4410-03 FILTRAN-CTP4410-03 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4410-04 FILTRAN-CTP4410-04 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
More results

Similar Description - CTP4411-19

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4408 FILTRAN-CTP4408 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4555 FILTRAN-CTP4555 Datasheet
57Kb / 1P
   Toroidal Inductors Medium Current
CTP4407 FILTRAN-CTP4407 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4554 FILTRAN-CTP4554 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4557 FILTRAN-CTP4557 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4410 FILTRAN-CTP4410 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4559 FILTRAN-CTP4559 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4560 FILTRAN-CTP4560 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4409 FILTRAN-CTP4409 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4552 FILTRAN-CTP4552 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com