Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE-3101 Datasheet(PDF) 2 Page - TDK Electronics

Part # CE-3101
Description  Non-insulation, 8-pin SMD type, 1.2W output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CE-3101 Datasheet(HTML) 2 Page - TDK Electronics

  CE-3101 Datasheet HTML 1Page - TDK Electronics CE-3101 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TDK DC-DC Converter
A321_CE_3101
(2/2)
All specifications are subject to change without notice.
Non-insulation, 8-pin SMD type, 1.2W output
CE-3101
CIRCUIT DIAGRAM
Vout(GND) 8
Vset 6
Vout 5
NC 7
Control
Iout
DC power
supply
C1:2.2
µF/6.3V
C2:15
µF/50V
Load
resistance
C2
C1
+
+
1
2
3
4 NC
Vin
RA
Oscillating method: Stable frequency method
Oscillating frequency: Approx. 400kHz
MTTF: 270Fit(3700000h)
SHAPES AND DIMENSIONS
RECOMMENDED PC BOARD PATTERN
15.4
1.0
1.0
(19.4)
Terminal connection
No. 1
Control
ON/OFF control
No. 2
+Vin
Input voltage(4.4 to 5.5V)
No. 3
–Vin(GND)
Input(GND)
No. 4
NC
No. 5
+Vout
Output(40V)
No. 6
Vset
Output voltage adjustable
No. 7
NC
No. 8
–Vout(GND)
Output(GND)
• Terminal No.3 and No.8 are connected internally.
• Control voltage.
High level(Vin–0.6 to Vin, or open): Output OFF.
Low level(0 to Vin–2.5V): Output ON.
• Control current: 150µA max.
4
3
2
1
5
6
7
8
PP
P
8
×R0.4
Marking
18
±0.3
6
±0.25
P=2
±0.25
2.9
±0.25
2.9
±0.25
Dimensions in mm
A321_CE_3101
001127
COMMON SPECIFICATIONS
AUXILIARY FUNCTIONS
Overcurrent protection
Yes(Latch)
Remote ON-OFF
Yes
CONSTRUCTIONS
External dimensions
mm
18
×4.5×11.8(W×H×D)
Weight
g
1.5
TEMPERATURE AND HUMIDITY
Operating temperature range
°C
–10 to +60
Storage temperature range
°C
–30 to +85
Operating humidity range
(%)RH
20 to 95[Maximum wet-bulb temperature: 38°C, without dewing]
Storage humidity range
(%)RH
20 to 95[Maximum wet-bulb temperature: 38°C, without dewing]


Similar Part No. - CE-3101

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CE-30 SENSATA-CE-30 Datasheet
172Kb / 3P
   COST-EFFECTIVE, ESSENTIAL LED CHARGE CONTROLLER
Rev: 07/19/20
logo
Integrated Power Design...
CE-300 IPDPOWER-CE-300 Datasheet
247Kb / 2P
   300 WATTS CE-300 SERIES AC-DC
REV. K 10/06/2022
CE-300-1001 IPDPOWER-CE-300-1001 Datasheet
247Kb / 2P
   300 WATTS CE-300 SERIES AC-DC
REV. K 10/06/2022
CE-300-1002 IPDPOWER-CE-300-1002 Datasheet
247Kb / 2P
   300 WATTS CE-300 SERIES AC-DC
REV. K 10/06/2022
CE-300-1003 IPDPOWER-CE-300-1003 Datasheet
247Kb / 2P
   300 WATTS CE-300 SERIES AC-DC
REV. K 10/06/2022
More results

Similar Description - CE-3101

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC3-4805SR-E TDK-CC3-4805SR-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CC3-2405SR-E TDK-CC3-2405SR-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CC101205SRE TDK-CC101205SRE Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CC10-1205SR-E TDK-CC10-1205SR-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
logo
Isahaya Electronics Cor...
VLA209-24126 ISAHAYA-VLA209-24126 Datasheet
260Kb / 7P
   NON-ISOLATED TYPE DC-DC CONVERTER
VLA218-241236 ISAHAYA-VLA218-241236 Datasheet
590Kb / 8P
   NON-ISOLATED TYPE DC-DC CONVERTER
VLA219-241260 ISAHAYA-VLA219-241260 Datasheet
506Kb / 5P
   NON-ISOLATED TYPE DC-DC CONVERTER
VLA217-241218 ISAHAYA-VLA217-241218 Datasheet
281Kb / 8P
   NON-ISOLATED TYPE DC-DC CONVERTER
VLA222-24123 ISAHAYA-VLA222-24123 Datasheet
564Kb / 7P
   NON-ISOLATED TYPE DC-DC CONVERTER
logo
Rohm
BP5811 ROHM-BP5811_10 Datasheet
95Kb / 1P
   Broad output DC/DC Converter(Non-isolated)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com