Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTP4548-09 Datasheet(PDF) 1 Page - Filtran LTD

Part # CTP4548-09
Description  Toroidal Inductors High Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CTP4548-09 Datasheet(HTML) 1 Page - Filtran LTD

  CTP4548-09 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toroidal Inductors
High Current
CTP4548
MECHANICAL
ELECTRICAL SPECIFICATION
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
32-7
CTP4548 is a high current inductor with the following data and features:
• Core type:
0.80” o.d., Iron Powder,
perm 33.
• Power rating: 1.2 watts for temp.
rise 50˚C.
• Typical applications:
Filter Inductors in Switch
Mode Power Supplies.
Four mounting styles are offered:
1 Flying leads (1.00”), for vertical
or horizontal mounting.
2 4-pin header, for vertical mounting.
3 Threaded center hole, flying leads
(2.00”).
4 2-pin header, for vertical mounting.
Style 1
Style 2
Style 3
Style 4
1.00
0.40
0.80
1.00
1.10
0.25
0.60
0.67
0.75
1.00
0.46
Thread
#6-32
2.00
0.50
0.85
1.05
0.45
0.60
Ordering Information: Substitute the style number for the asterisk (*). Example: CTP4548, Style 1, 56uH.
Order: CTP4548 - 116
* 01
3.3
0.004
18.1
9.5
23.7
56.9
* 02
3.9
0.004
17.4
8.7
21.8
52.3
* 03
4.7
0.004
16.6
7.9
19.8
47.6
* 04
5.6
0.005
15.9
7.3
18.2
43.6
* 05
6.8
0.005
15.2
6.6
16.5
39.6
* 06
8.2
0.006
14.5
6.0
15.0
36.1
* 07
10
0.006
13.8
5.4
13.6
32.7
* 08
12
0.007
13.2
5.0
12.4
29.8
* 09
15
0.010
11.2
4.4
11.1
26.7
* 10
18
0.010
10.7
4.1
10.1
24.3
* 11
22
0.012
10.2
3.7
9.2
22.0
* 12
27
0.016
8.6
3.3
8.3
19.9
* 13
33
0.018
8.2
3.0
7.5
18.0
* 14
39
0.024
7.0
2.8
6.9
16.5
* 15
47
0.027
6.7
2.5
6.3
15.1
* 16
56
0.029
6.4
2.3
5.8
13.8
* 17
68
0.040
5.4
2.1
5.2
12.5
* 18
82
0.044
5.2
1.9
4.8
11.4
* 19
100
0.062
4.4
1.7
4.3
10.3
* 20
120
0.068
4.2
1.6
3.9
9.4
* 21
150
0.096
3.5
1.4
3.5
8.4
* 22
180
0.105
3.4
1.3
3.2
7.7
* 23
220
0.116
3.2
1.2
2.9
7.0
* 24
270
0.161
2.7
1.0
2.6
6.3
Part No.
Inductance
DCR
Rated Current
I
(amp.)
I
(amp.)
I
(amp.)
CTP4548 -
(uH)
Ohms
Amp. RMS
@ Lsat. 10%
@ Lsat. 25%
@ Lsat. 50%


Similar Part No. - CTP4548-09

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4549 FILTRAN-CTP4549 Datasheet
60Kb / 1P
   Toroidal Inductors High Current
CTP4549-01 FILTRAN-CTP4549-01 Datasheet
60Kb / 1P
   Toroidal Inductors High Current
CTP4549-02 FILTRAN-CTP4549-02 Datasheet
60Kb / 1P
   Toroidal Inductors High Current
CTP4549-03 FILTRAN-CTP4549-03 Datasheet
60Kb / 1P
   Toroidal Inductors High Current
CTP4549-04 FILTRAN-CTP4549-04 Datasheet
60Kb / 1P
   Toroidal Inductors High Current
More results

Similar Description - CTP4548-09

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4551 FILTRAN-CTP4551 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
logo
Pulse A Technitrol Comp...
PE-51508NL PULSE-PE-51508NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS High Current
logo
Bel Fuse Inc.
HCTI-10-20.0 BEL-HCTI-10-20.0 Datasheet
500Kb / 1P
   High Current Toroidal Inductors
logo
Filtran LTD
CTP4549 FILTRAN-CTP4549 Datasheet
60Kb / 1P
   Toroidal Inductors High Current
CTP4550 FILTRAN-CTP4550 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
logo
TT Electronics.
HM54 TTELEC-HM54 Datasheet
779Kb / 3P
   High Current Toroidal Inductors
logo
Bi technologies
HM54 BITECH-HM54 Datasheet
1Mb / 3P
   High Current Toroidal Inductors
logo
API Delevan
HCTR API-HCTR Datasheet
4Mb / 2P
   High Current Toroidal Inductors
logo
Datatronic Distribution...
PT12310 DATATRONICS-PT12310 Datasheet
74Kb / 1P
   High Current Toroidal Inductors
logo
Token Electronics Indus...
TCTC1005IR-330-J TOKEN-TCTC1005IR-330-J Datasheet
368Kb / 2P
   TCTC High Current Toroidal Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com