5 / 33 page
Luminous Intensity Rank
Page 5
2004.10.29
Single Color Semi-Round Shape Type
5379K Series
(Ta=25℃)
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
A
3.0
6.0
12.0
24.0
20
40
12.0
24.0
12.0
24.0
10
20
12.0
24.0
1.5
3.0
B
4.2
8.4
16.8
33.6
28
56
16.8
33.6
16.8
33.6
14
28
16.8
33.6
2.1
4.2
C
6.012.024.048.0
40
8024.048.024.048.0
20
4024.048.0
3.0
6.0
D
8.4
16.8
33.6
67.2
56
112
33.6
67.2
33.6
67.2
28
56
33.6
67.2
4.2
8.4
E
12.0
-
48.0
-
80
-
48.0
-
48.0
-
40
-
48.0
-
6.0
-
※
Please contact our sales staff concerning rank designation.
Rank
MPG
MPY
BR
MBG
IF=20mA
IF=20mA
IF=20mA
MAY
MAA
IF=20mA
IV(mcd)
MPR
IF=10mA
IF=20mA
IF=20mA
MVR
IF=20mA