Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBP1254-101 Datasheet(PDF) 1 Page - Filtran LTD

Part # CBP1254-101
Description  Chokes Drum Core Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CBP1254-101 Datasheet(HTML) 1 Page - Filtran LTD

  CBP1254-101 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chokes
Drum Core Inductor
CBP1254
• High DC levels.
• Compact size.
• Low loss Ferrite material.
• Cost effective.
• Available with heat shrink vinyl cover.
• Other applications include:
Line Filters, Speaker
Crossover Networks, SCR
and Triac Controls etc.
MECHANICAL
ELECTRICAL SPECIFICATION
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
31-4
CBP1254-33G
3.3
0.003
115.0
27.0
1.11
CBP1254-39G
3.9
0.003
95.0
27.0
1.11
CBP1254-47G
4.7
0.003
95.0
27.0
1.11
CBP1254-56G
5.6
0.004
79.0
27.0
1.11
CBP1254-68G
6.8
0.004
79.0
27.0
1.11
CBP1254-82G
8.2
0.004
69.0
27.0
1.11
CBP1254-100
10.0
0.005
61.0
27.0
1.11
CBP1254-120
12.0
0.005
55.0
27.0
1.11
CBP1254-150
15.0
0.006
49.0
27.0
1.11
CBP1254-180
18.0
0.008
41.0
27.0
1.11
CBP1254-220
22.0
0.009
38.0
21.0
1.11
CBP1254-270
27.0
0.010
36.0
21.0
1.15
CBP1254-330
33.0
0.011
31.0
21.0
1.15
CBP1254-390
39.0
0.012
20.0
21.0
1.15
CBP1254-470
47.0
0.018
30.2
14.4
1.14
CBP1254-560
56.0
0.019
26.1
14.4
1.14
CBP1254-680
68.0
0.021
24.4
14.4
1.14
CBP1254-820
82.0
0.023
22.4
14.4
1.14
CBP1254-101
100.0
0.025
20.0
14.4
1.14
CBP1254-121
120.0
0.028
18.0
14.4
1.19
CBP1254-151
150.0
0.040
16.4
11.4
1.13
CBP1254-181
180.0
0.045
14.6
11.4
1.13
CBP1254-221
220.0
0.050
13.2
11.4
1.13
CBP1254-271
270.0
0.056
11.8
11.4
1.16
Ind. (1)
Max DCR
I DC (2)
I Rated (3)
E
Part No.
± 10% (µH)
(
Ω)
(Amp) DC (Amp) RMS (Nom.)
AB
C
E
1.60
1.05
Hole to clear
See Electrical
No. 8/32 screw
Specs. table.
Dimensions, Inches (mm)
The CBP1254 series Inductors are wound on “Drum” style ferrite cores
and are ideal for use as Input/Output filter Inductors in Switch Mode
Power Supplies.
CBP1254-331
330.0
0.074
11.4
9.0
1.13
CBP1254-391
390.0
0.082
10.9
7.2
1.19
CBP1254-471
470.0
0.114
9.2
7.2
1.13
CBP1254-561
560.0
0.125
8.3
7.2
1.13
CBP1254-681
680.0
0.139
7.6
7.2
1.13
CBP1254-821
820.0
0.154
6.8
7.2
1.19
CBP1254-102 1000.0
0.122
6.2
5.5
1.06
CBP1254-122 1200.0
0.232
5.7
5.5
1.16
CBP1254-152 1500.0
0.324
5.1
4.5
1.16
CBP1254-182 1800.0
0.360
4.6
4.5
1.16
CBP1254-222 2200.0
0.494
4.2
4.0
1.06
CBP1254-272 2700.0
0.555
3.8
4.0
1.06
CBP1254-332 3300.0
0.773
3.4
2.8
1.06
CBP1254-392 3900.0
0.845
3.1
2.8
1.13
CBP1254-472 4700.0
1.140
2.9
2.0
1.11
CBP1254-562 5600.0
1.600
2.5
2.0
1.11
Ind. (1)
Max DCR
I DC (2)
I Rated (3)
E
Part No.
± 10% (µH)
(
Ω)
(Amp) DC (Amp) RMS (Nom.)
1) Tolerances on values below 10 µH are ± 20%.
2) I DC is the current for which the Inductance is reduced by appr. %5 of
its initial value.
3) I RATED is the current (RMS), limited by the copper loss and the
guage of the wire in the winding.
NOTES


Similar Part No. - CBP1254-101

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CBP1251 FILTRAN-CBP1251 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
CBP1251-101 FILTRAN-CBP1251-101 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
CBP1251-10G FILTRAN-CBP1251-10G Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
CBP1251-110 FILTRAN-CBP1251-110 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
CBP1251-120 FILTRAN-CBP1251-120 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
More results

Similar Description - CBP1254-101

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CBP1252 FILTRAN-CBP1252 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
CBP1253 FILTRAN-CBP1253 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
CBP1251 FILTRAN-CBP1251 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
CBP1256 FILTRAN-CBP1256 Datasheet
49Kb / 1P
   Chokes Drum Core Inductor
CBP1255 FILTRAN-CBP1255 Datasheet
49Kb / 1P
   Chokes Drum Core Inductor
logo
Pulse A Technitrol Comp...
PA4300.102NLT PULSE-PA4300.102NLT Datasheet
701Kb / 3P
   Shielded Drum Core Inductor
PA4320.103NLT PULSE-PA4320.103NLT Datasheet
285Kb / 2P
   Shielded Drum Core Inductor
PA4321.152NLT PULSE-PA4321.152NLT Datasheet
263Kb / 2P
   Shielded Drum Core Inductor
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
logo
Abracon Corporation
AIUR-02H_SERIES ABRACON-AIUR-02H_SERIES Datasheet
1Mb / 2P
   Mini Drum Core Inductor
08.04.14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com