Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4763-05 Datasheet(PDF) 1 Page - Filtran LTD

Part # 4763-05
Description  Power Transformers Ch Frame
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

4763-05 Datasheet(HTML) 1 Page - Filtran LTD

  4763-05 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Secondary Voltages (A-A)
F.L.
N.L.
Current
Part No.
Volts
Volts
Amps
Secondary Voltages (A-A)
F.L.
N.L.
Current
Part No.
Volts
Volts
Amps
LOW VOLTAGE RECTIFIER Transformers with
horizontal channel frames.
· Primary voltage,115 Volts, 60 Hz.
· Primary and secondary leads 8-10" long.
· 2-hole horizontal mounting.
·6 sizes are available, covering the range:
1 to 10 VA.
· CSA listed (LR 47366).
MECHANICAL
ELECTRICAL SPECIFICATION
4760-01
5.0
6.11
0.250
4760-02
6.3
7.45
0.150
4761-01
14.0
17.50
0.150
4761-02
20.0
24.50
0.100
4762-01
5.0
5.83
0.500
4762-02
6.3
7.10
0.300
4762-03
6.3
7.80
0.600
4762-04
10.0
12.40
0.300
4762-05
12.6
15.70
0.300
4762-06
20.0
23.50
0.150
4762-07
25.0
28.80
0.100
4762-08
25.0
30.80
0.150
4762-09
50.0
62.00
0.075
4763-01
5.0
6.17
1.000
4763-02
7.0
8.30
0.700
4763-03
8.0
9.52
0.500
4763-04
9.0
10.90
0.500
4763-05
16.0
18.60
0.250
4763-06
30.0
37.40
0.150
4764-01
6.3
7.10
1.000
4764-02
10.0
11.00
0.500
4764-03
12.6
14.50
0.500
4764-04
14.0
16.10
0.500
4764-05
20.0
22.80
0.300
4764-06
25.0
29.00
0.300
4764-07
30.0
36.10
0.250
4764-08
36.0
40.70
0.150
4764-09
44.0
51.60
0.150
4765-01
8.5
9.60
1.000
4765-02
16.0
18.00
0.500
4765-03
28.0
31.70
0.250
DIMENSIONS
PIN SPACING
P/N
L
W
H
A
4760
2.06
1.25
1.19
1.75
4761
2.06
1.38
1.19
1.75
4762
2.38
1.38
1.38
2.00
4763
2.38
1.50
1.38
2.00
4764
2.81
1.88
1.69
2.38
4765
2.81
2.00
1.69
2.38
Dimensions, Inches
Power Transformers
Ch Frame
4760 - 4765
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company


Similar Part No. - 4763-05

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47630-1000 MOLEX6-47630-1000 Datasheet
164Kb / 3P
   0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Mid-Mount, 0.76關m (30關") Gold (Au) Plating, Shell Nickel (Ni) Plated, Tape and Reel Package, 19 Circuits, Lead Free
47630-1010 MOLEX6-47630-1010 Datasheet
164Kb / 3P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Mid-Mount, 0.76um (30u") Gold (Au) Plating, Shell Nickel (Ni)
47630-1012 MOLEX6-47630-1012 Datasheet
161Kb / 3P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Mid-Mount, with Through Hole Solder Tabs, Gold (Au)
47631-1000 MOLEX6-47631-1000 Datasheet
167Kb / 3P
   0.50mm (.020") Pitch HDMI* Receptacle, Vertical, SMT, 0.76關m (30關") Gold (Au) Plating, with side Flanges and Pick-and-Place Cover, 19 Circuits, Tray Packaging, Lead free
47631-2000 MOLEX6-47631-2000 Datasheet
167Kb / 3P
   0.50mm (.020") Pitch HDMI Receptacle, Vertical, SMT, 0.38um (15u") Gold (Au) Plating, with side Flanges
More results

Similar Description - 4763-05

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD4D11 SUMIDA-CMD4D11_07 Datasheet
119Kb / 2P
   Power Transformers
logo
Frontier Electronics.
LAMINATED FRONTIER-LAMINATED Datasheet
133Kb / 1P
   Power Transformers
logo
List of Unclassifed Man...
N-9MG ETC2-N-9MG Datasheet
153Kb / 2P
   Power Transformers
logo
Sumida Corporation
CMD6D11B SUMIDA-CMD6D11B_07 Datasheet
121Kb / 2P
   Power Transformers
logo
List of Unclassifed Man...
P-8672 ETC2-P-8672 Datasheet
300Kb / 1P
   POWER TRANSFORMERS
logo
TRIAD MAGNETICS
F-55X TRIAD-F-55X Datasheet
241Kb / 3P
   Power Transformers
logo
Sumida Corporation
CMD5D13 SUMIDA-CMD5D13_07 Datasheet
134Kb / 2P
   Power Transformers
CMD4D13 SUMIDA-CMD4D13 Datasheet
122Kb / 2P
   Power Transformers
logo
Pulse A Technitrol Comp...
P5000NL PULSE-P5000NL Datasheet
66Kb / 1P
   POWER TRANSFORMERS
logo
Sumida Corporation
CMD4D08 SUMIDA-CMD4D08_07 Datasheet
122Kb / 2P
   Power Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com