Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4883-9 Datasheet(PDF) 1 Page - Filtran LTD

Part # 4883-9
Description  Power Transformers Low Profile
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

4883-9 Datasheet(HTML) 1 Page - Filtran LTD

  4883-9 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4881- 6
10
6
1.66
12
0.83
4881- 9
10
9
1.11
18
0.55
4881- 12
10
12
0.83
24
0.41
4881- 15
10
15
0.66
30
0.33
4881- 18
10
18
0.55
36
0.27
4881- 21
10
21
0.47
42
0.23
4881- 24
10
24
0.41
48
0.20
4882- 6
12
6
2.00
12
1.00
4882- 9
12
9
1.33
18
0.66
4882- 12
12
12
1.00
24
0.50
4882- 15
12
15
0.80
30
0.40
4882- 18
12
18
0.66
36
0.33
4882- 21
12
21
0.57
42
0.28
4882- 24
12
24
0.50
48
0.25
4883- 6
18
6
3.00
12
1.50
4883- 9
18
9
2.00
18
1.00
4883- 12
18
12
1.50
24
0.75
4883- 15
18
15
1.20
30
0.60
4883- 18
18
18
1.00
36
0.50
4883- 21
18
21
0.86
42
0.42
4883- 24
18
24
0.75
48
0.37
4884- 6
24
6
4.00
12
2.00
4884- 9
24
9
2.66
18
1.33
4884- 12
24
12
2.00
24
1.00
4884- 15
24
15
1.60
30
0.80
4884- 18
24
18
1.33
36
0.66
4884- 21
24
21
1.14
42
0.57
4884- 24
24
24
1.00
48
0.50
4885- 6
30
6
5.00
12
2.50
4885- 9
30
9
3.33
18
1.66
4885- 12
30
12
2.50
24
1.25
4885- 15
30
15
2.00
30
1.00
4885- 18
30
18
1.66
36
0.83
4885- 21
30
21
1.42
42
0.71
4885- 24
30
24
1.25
48
0.62
Parallel
Series
Part No.
VA
Volts
Amps
Volts
Amps
Parallel
Series
Part No.
VA
Volts
Amps
Volts
Amps
INTERNATIONAL LOW PROFILE SERIES Power
Transformers for PCB mounting.
· Five sizes: 10, 12, 18, 24, 30 VA ratings.
· Dual bobbins for increased dielectric
strength.
· 115/230 volts, 50/60 Hz primary windings.
· Potted under vacuum.
· Compact size.
· CSA listed (LR 47366) and
U.L. recognized (E100878).
· Exceeds VDE 0550,
BSI 7002 and IEC 950
requirements.
MECHANICAL
ELECTRICAL SPECIFICATION
P/N
H
4881-
22.0
4882-
24.0
4883-
27.0
4884-
31.0
4885-
35.0
Dimensions, mm
Power Transformers
Low Profile
4881 - 4885
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
60/50 Hz


Similar Part No. - 4883-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
488 ETC2-488 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Aavid, Thermal Division...
4880G AAVID-4880G Datasheet
38Kb / 2P
   Product Change Notification
4880MG AAVID-4880MG Datasheet
38Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
logo
Keystone Electronics Co...
4882 KEYSTONE-4882 Datasheet
105Kb / 1P
   SM STANDOFF
4.11.16
More results

Similar Description - 4883-9

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSPW CT-CTSPW Datasheet
209Kb / 1P
   Power Transformers - Low Profile
logo
Filtran LTD
4701 FILTRAN-4701 Datasheet
77Kb / 1P
   Power Transformers Low Profile
logo
Rhombus Industries Inc.
T-60300 RHOMBUS-IND-T-60300 Datasheet
18Kb / 1P
   Low Profile PC Power Transformers
logo
List of Unclassifed Man...
3FL10-250 ETC2-3FL10-250 Datasheet
133Kb / 1P
   Low Profile Laminated Power Transformers
logo
Premier Magnetics, Inc.
PLP-102 PMI-PLP-102 Datasheet
41Kb / 3P
   LOW PROFILE DUAL BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Bel Fuse Inc.
PC-10-90 BEL-PC-10-90 Datasheet
1Mb / 3P
   Miniature Low Power Transformers
logo
Hammond Manufacturing L...
145J HAMMOND-145J Datasheet
376Kb / 2P
   LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
logo
Premier Magnetics, Inc.
PM-DB2701 PMI-PM-DB2701 Datasheet
214Kb / 11P
   DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
logo
Rhombus Industries Inc.
T-31104 RHOMBUS-IND-T-31104 Datasheet
29Kb / 1P
   Low Profile Modem Coupling and Voiceband Transformers
logo
Micro Electronics
PHT-1901 MICRO-ELECTRONICS-PHT-1901 Datasheet
240Kb / 1P
   LOW PROFILE INTERFACE COUPLING AND HYBRID TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com