Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MI20A-50PD-SF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MI20A-50PD-SF
Description  Compact Flash Card Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MI20A-50PD-SF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MI20A-50PD-SF Datasheet HTML 1Page - List of Unclassifed Manufacturers MI20A-50PD-SF Datasheet HTML 2Page - List of Unclassifed Manufacturers MI20A-50PD-SF Datasheet HTML 3Page - List of Unclassifed Manufacturers MI20A-50PD-SF Datasheet HTML 4Page - List of Unclassifed Manufacturers MI20A-50PD-SF Datasheet HTML 5Page - List of Unclassifed Manufacturers MI20A-50PD-SF Datasheet HTML 6Page - List of Unclassifed Manufacturers MI20A-50PD-SF Datasheet HTML 7Page - List of Unclassifed Manufacturers MI20A-50PD-SF Datasheet HTML 8Page - List of Unclassifed Manufacturers MI20A-50PD-SF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
C3
8. Resistance to Soldering
heat
1,000 M ohms min.
No flashover or insulation breakdown.
40 m ohms max. (initial value) (Note 3)
No electrical discontinuity of 100ns or more
Insulation resistance of 100 M ohms min.
No deformation of components affecting performance.
6. Temperature cycle
7. Durability
(Insertion/withdrawal)
sMaterials
Series name: MI
Series No.
20: for type I cards (✽)
21: for type I and II cards
Stand off type
Blank : None
A
: 2.2 mm
Number of contacts: 50
Connector type
PD: Header
Board mounting type
Blank : Standard
R
: Reverse
Contact type
SF: SMT
Eject button position
EJR : Right button
EJL
: Left button
Blank : None
Built-in nut type
(31): With built-in nuts
Blank: Standard product
1
2
3
4
5
6
7
8
9
500 V DC
500 V AC / 1 minute
1 mA
96 hours at temperature of 40ç and humidity of 90% to 95%
Temperature: -55ç for 30 min. --> +5 to 35ç within 5 min.
85ç for 30 min. --> +5 to 35ç within 5 min. for 5 cycles
Frequency: 10 to 2000 Hz, full amplitude of 1.52 mm or
acceleration of 147 m/s2(peak), 4 hours in each of the 3 directions.
10000 cycles at 400 to 600 cycles per hour
Reflow: At the recommended temperature profile
Manual soldering: 300ç for 3 seconds
4. Vibration
5. Humidity (Steady state)
1. Insulation resistance
2. Withstanding voltage
3. Contact resistance
s Product Specifications
Item
Specification
Conditions
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range
and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during transportation.
Note 3: This does not include the resistance of the conductor .
(
✽) Can accommodate type II cards only when standard mounting is
used and stand off is 0 mm.
Rating
Current rating
Voltage rating
0.5 A
125 V AC
Operating temperature range
Operating humidity range
-55 to +85ç (Note 1)
Relative humidity 95% or less
(No condensation)
Storage temperature range
Storage humidity range
-10 to +60ç
-40 to 70%
Insulation resistance of 100 M ohms min.
Change of contact resistance from initial value is
20 m ohms max.
Item
Part
Material
Finish
Remarks
Receptacle
Insulator
PPS
Color:Black
UL94V-0
---------------
UL94V-0
Applied to eject mechanism
---------------
Applied to MI21 series
---------------
---------------
Contact Area : Gold plating
Lead Area
: Solder plating
Color:Black
---------------
---------------
---------------
Solder plating
Contact Area
: Gold plating
Termination Area : Solder plating
Phosphor bronze
PPS
Brass
Stainless steel
Stainless steel
Steel
Brass
Contacts
Insulator
Contacts
Metal fitting
Eject fitting
Ground clip
Nut
Header
MI 20 - 50 RD - SF
1
2
3
4
5
qReceptacles
MI 20 A - 50 PD R - SF - EJR (31)
1
2
3
4
5
6
7
8
9
qHeaders
sOrdering Information
Series name: MI
Series No.: 20
Number of contacts: 50
Connector type
RD: Receptacle
Contact form
SF: SMT
1
2
3
4
5


Similar Part No. - MI20A-50PD-SF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MI20A-50PD-SF HIROSE-MI20A-50PD-SF Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
MI20A-50PD-SF-EJL HIROSE-MI20A-50PD-SF-EJL Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
MI20A-50PD-SF-EJR HIROSE-MI20A-50PD-SF-EJR Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
More results

Similar Description - MI20A-50PD-SF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MI20-50RD-SF HIROSE-MI20-50RD-SF Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
logo
AVX Corporation
5610 AVX-5610 Datasheet
180Kb / 5P
   Compact Flash Memory Card Connectors
31-5610-050-210-871 AVX-31-5610-050-210-871 Datasheet
213Kb / 4P
   Compact Flash Memory Card Connectors
315610050260871 AVX-315610050260871 Datasheet
286Kb / 3P
   Compact Flash Memory Card
logo
ADL Embedded Solutions
ADLCF-II ADL-ADLCF-II Datasheet
224Kb / 2P
   Compact Flash
logo
Adam Technologies, Inc.
CF2B-50-SG ADAM-TECH-CF2B-50-SG Datasheet
109Kb / 1P
   COMPACT FLASH MALE
CFS-68-A-SG-SM ADAM-TECH-CFS-68-A-SG-SM Datasheet
94Kb / 1P
   COMPACT FLASH SOCKET
logo
Yamaichi Electronics Co...
CF050P1S-003-00DS0 YAMAICHI-CF050P1S-003-00DS0 Datasheet
129Kb / 2P
   Compact Flash Card Slim Type I
logo
Adam Technologies, Inc.
CF2-50-SG-EJ ADAM-TECH-CF2-50-SG-EJ Datasheet
107Kb / 1P
   COMPACT FLASH HEADER
CFE-2B-50 ADAM-TECH-CFE-2B-50 Datasheet
81Kb / 1P
   COMPACT FLASH MALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com