Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4721 Datasheet(PDF) 1 Page - Filtran LTD

Part # 4721
Description  Power Transformers International
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

4721 Datasheet(HTML) 1 Page - Filtran LTD

  4721 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DOT AT
PIN #1
HORIZONTAL SERIES Power Transformers
for printed circuit mounting.
• Six sizes: 1.1VA, 2.4VA, 6VA, 12VA,
20VA & 36VA ratings.
• Split bobbins for increased dielectric strength.
•115/230 volts, 47/63 Hz primary windings.
CSA listed (LR 47366) and U.L. recognized
(E100878).
MECHANICAL
ELECTRICAL SPECIFICATION
4721-05
1.1
5
0.22
10
0.11
4721-06
1.1
6.3
0.18
12.6
0.09
4721-08
1.1
8
0.14
16
0.07
4721-10
1.1
10
0.11
20
0.055
4721-12
1.1
12
0.09
24
0.045
4721-14
1.1
14
0.08
28
0.04
4721-18
1.1
18
0.06
36
0.03
4721-24
1.1
24
0.0046
48
0.023
4722-05
2.4
5
0.50
10
0.25
4722-06
2.4
6.3
0.40
12.6
0.20
4722-08
2.4
8
0.30
16
0.15
4722-10
2.4
10
0.24
20
0.12
4722-12
2.4
12
0.20
24
0.10
4722-14
2.4
14
0.17
28
0.085
4722-18
2.4
18
0.13
36
0.065
4722-24
2.4
24
0.10
48
0.050
4723-05
6
5
1.20
10
0.60
4723-06
6
6.3
1.00
12.6
0.50
4723-08
6
8
0.80
16
0.40
4723-10
6
10
0.60
20
0.30
4723-12
6
12
0.50
24
0.25
4723-14
6
14
0.40
28
0.20
4723-18
6
18
0.34
36
0.17
4723-24
6
24
0.25
48
0.125
4724-05
12
5
2.40
10
1.20
4724-06
12
6.3
2.00
12.6
1.00
4724-08
12
8
1.60
16
0.80
4724-10
12
10
1.20
20
0.60
4724-12
12
12
1.00
24
0.50
4724-14
12
14
0.84
28
0.42
4724-18
12
18
0.70
36
0.35
4724-24
12
24
0.50
48
0.25
4725-05
20
5
4.00
10
2.00
4725-06
20
6.3
3.20
12.6
1.60
4725-08
20
8
2.50
16
1.25
4725-10
20
10
2.00
20
1.00
4725-12
20
12
1.60
24
0.80
4725-14
20
14
1.40
28
0.70
4725-18
20
18
1.10
36
0.55
4725-24
20
24
0.80
48
0.40
4726-05
36
5
7.20
10
3.60
4726-06
36
6.3
5.70
12.6
2.85
4726-08
36
8
4.50
16
2.25
4726-10
36
10
3.60
20
1.80
4726-12
36
12
3.00
24
1.50
4726-14
36
14
2.60
28
1.30
4726-18
36
18
2.00
36
1.00
4726-24
36
24
1.50
48
0.75
Parallel
Series
Part No.
VA
Volts
Amps
Volts
Amps
Parallel
Series
Part No.
VA
Volts
Amps
Volts
Amps
DIMENSIONS
PIN SPACINGS
P/N
L
W
H
A
B
C
4721
1.375
1.125
0.94
0.25
0.25
1.20
4722
1.375
1.125
1.18
0.25
0.25
1.20
4723
1.625
1.313
1.30
0.25
0.35
1.28
4724
1.875
1.563
1.42
0.30
0.40
1.41
4725
2.250
1.875
1.42
0.30
0.40
1.60
4726
2.625
2.188
1.57
0.40
0.40
1.85
Dimensions, Inches
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
Power Transformers
International
4721 - 4726


Similar Part No. - 4721

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4721 SCHURTER-4721 Datasheet
329Kb / 2P
   IEC Appliance Outlet F Shuttered, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
4721 SCHURTER-4721 Datasheet
324Kb / 3P
   IEC Appliance Outlet F Shuttered, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
4721 SCHURTER-4721 Datasheet
335Kb / 3P
   IEC Appliance Outlet F Shuttered, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
4721 SCHURTER-4721 Datasheet
344Kb / 3P
   IEC Appliance Outlet F Shuttered, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
4721.0000 SCHURTER-4721.0000 Datasheet
329Kb / 2P
   IEC Appliance Outlet F Shuttered, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
More results

Similar Description - 4721

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
4711 FILTRAN-4711 Datasheet
82Kb / 1P
   Power Transformers International
logo
List of Unclassifed Man...
PL2.5-10-130B ETC2-PL2.5-10-130B Datasheet
2Mb / 2P
   International Laminated Power Transformers
logo
RENCO ELECTRONICS, INC.
RL-2251 RENCO-RL-2251 Datasheet
1Mb / 2P
   ALL/TRAN??INTERNATIONAL PCB MOUNT TRIPLE OUTPUT POWER TRANSFORMERS
RL-2261 RENCO-RL-2261 Datasheet
122Kb / 3P
   ALL IN ONE??INTERNATIONAL TRIPLE OUTPUT POWER TRANSFORMERS ??CHASSIS MOUNT
logo
Pulse A Technitrol Comp...
A41-25-10A1 PULSE-A41-25-10A1 Datasheet
160Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International High Power Series
logo
List of Unclassifed Man...
2120H ETC2-2120H Datasheet
58Kb / 3P
   international power cords
logo
Wabash Transformer Inc.
VDE-25P-10 WABASH-VDE-25P-10 Datasheet
778Kb / 2P
   International Power Transformer
VDE-025P-10 WABASH-VDE-025P-10 Datasheet
741Kb / 2P
   International Power Transformer
VDE-10T-10 WABASH-VDE-10T-10 Datasheet
782Kb / 3P
   International Power Transformer
logo
Qualtek Electronics Cor...
H03VVD3HU3G100 QUALTEK-H03VVD3HU3G100 Datasheet
341Kb / 1P
   International Power Cords
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com