Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ20 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMCJ20
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMCJ20 Datasheet(HTML) 2 Page - Vishay Siliconix

  SMCJ20 Datasheet HTML 1Page - Vishay Siliconix SMCJ20 Datasheet HTML 2Page - Vishay Siliconix SMCJ20 Datasheet HTML 3Page - Vishay Siliconix SMCJ20 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMCJ5.0 thru 188CA
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88394
2
26-Sep-02
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.VF = 3.5V at IF = 100A (uni-directional only)
Device
Breakdown Voltage
Maximum
Maximum
Maximum
Device Type
Marking
V(BR) at IT(1)
Test
Stand-off
Reverse Leakage Peak Pulse Surge
Clamping
Modified
Code
(V)
Current
Voltage
at VWM
Current IPPM
Voltage at IPPM
“J” Bend Lead
UNI
BI
Min
Max
IT (mA)
VWM (V)
ID (
µA) (3)
(A)(2)
VC (V)
+SMCJ5.0
GDD
GDD
6.40
7.82
10.0
5.0
1000
156.3
9.6
+SMCJ5.0A(5)
GDE
GDE
6.40
7.07
10.0
5.0
1000
163.0
9.2
+SMCJ6.0
GDF
GDF
6.67
8.15
10.0
6.0
1000
131.6
11.4
+SMCJ6.0A
GDG
GDG
6.67
7.37
10.0
6.0
1000
145.6
10.3
+SMCJ6.5
GDH
BDH
7.22
8.82
10.0
6.5
500
122.0
12.3
+SMCJ6.5A
GDK
BDK
7.22
7.98
10.0
6.5
500
133.9
11.2
+SMCJ7.0
GDL
GDL
7.78
9.51
10.0
7.0
200
112.8
13.3
+SMCJ7.0A
GDM
GDM
7.78
8.60
10.0
7.0
200
125.0
12.0
+SMCJ7.5
GDN
BDN
8.33
10.2
1.0
7.5
100
104.9
14.3
+SMCJ7.5A
GDP
BDP
8.33
9.21
1.0
7.5
100
116.3
12.9
+SMCJ8.0
GDQ
BDG
8.89
10.9
1.0
8.0
50
100.0
15.0
+SMCJ8.0A
GDR
BDR
8.89
9.83
1.0
8.0
50
110.3
13.6
+SMCJ8.5
GDS
BDS
9.44
11.5
1.0
8.5
20
94.3
15.9
+SMCJ8.5A
GDT
BDT
9.44
10.4
1.0
8.5
20
104.2
14.4
+SMCJ9.0
GDU
BDU
10.0
12.2
1.0
9.0
10
88.8
16.9
+SMCJ9.0A
GDV
BDV
10.0
11.1
1.0
9.0
10
97.4
15.4
+SMCJ10
GDW
BDW
11.1
13.6
1.0
10
5.0
79.8
18.8
+SMCJ10A
GDX
BDX
11.1
12.3
1.0
10
5.0
88.2
17.0
+SMCJ11
GDY
GDY
12.2
14.9
1.0
11
5.0
74.6
20.1
+SMCJ11A
GDZ
GDZ
12.2
13.5
1.0
11
5.0
82.4
18.2
+SMCJ12
GED
BED
13.3
16.3
1.0
12
5.0
68.2
22.0
+SMCJ12A
GEE
BEE
13.3
14.7
1.0
12
5.0
75.4
19.9
+SMCJ13
GEF
GEF
14.4
17.6
1.0
13
1.0
63.0
23.8
+SMCJ13A
GEG
GEG
14.4
15.9
1.0
13
1.0
69.8
21.5
+SMCJ14
GEH
BEH
15.6
19.1
1.0
14
1.0
58.1
25.8
+SMCJ14A
GEK
BEK
15.6
17.2
1.0
14
1.0
64.7
23.2
+SMCJ15
GEL
BEL
16.7
20.4
1.0
15
1.0
55.8
26.9
+SMCJ15A
GEM
BEM
16.7
18.5
1.0
15
1.0
61.5
24.4
+SMCJ16
GEN
GEN
17.8
21.8
1.0
16
1.0
52.1
28.8
+SMCJ16A
GEP
GEP
17.8
19.7
1.0
16
1.0
57.7
26.0
+SMCJ17
GEQ
GEQ
18.9
23.1
1.0
17
1.0
49.2
30.5
+SMCJ17A
GER
GER
18.9
20.9
1.0
17
1.0
54.3
27.6
+SMCJ18
GES
BES
20.0
24.4
1.0
18
1.0
46.6
32.2
+SMCJ18A
GET
BET
20.0
22.1
1.0
18
1.0
51.4
29.2
+SMCJ20
GEU
BEU
22.2
27.1
1.0
20
1.0
41.9
35.8
+SMCJ20A
GEV
BEV
22.2
24.5
1.0
20
1.0
46.3
32.4
+SMCJ22
GEW
BEW
24.4
29.8
1.0
22
1.0
38.1
39.4
+SMCJ22A
GEX
BEX
24.4
26.9
1.0
22
1.0
42.3
35.5
+SMCJ24
GEY
BEY
26.7
32.6
1.0
24
1.0
34.9
43.0
+SMCJ24A
GEZ
BEZ
26.7
29.5
1.0
24
1.0
38.6
38.9
+SMCJ26
GFD
BFD
28.9
35.3
1.0
26
1.0
32.2
46.6
+SMCJ26A
GFE
BFE
28.9
31.9
1.0
26
1.0
35.6
42.1
+SMCJ28
GFF
BFF
31.1
38.0
1.0
28
1.0
30.0
50.0
+SMCJ28A
GFG
BFG
31.1
34.4
1.0
28
1.0
33.0
45.4
+SMCJ30
GFH
BFH
33.3
40.7
1.0
30
1.0
28.0
53.5
+SMCJ30A
GFK
BFK
33.3
36.8
1.0
30
1.0
31.0
48.4
Notes: (1) Pulse test: tp
≤ 50ms
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) For bi-directional types having VWM of 10 Volts and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
(5) For the bi-directional SMCG/SMCJ5.0CA, the maximum V(BR) is 7.25V
+ Underwriters Laboratory Recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and file number E136766
for both uni-directional and bi-directional devices


Similar Part No. - SMCJ20

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ20 DCCOM-SMCJ20 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMCJ20 JUXING-SMCJ20 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
SMCJ20 UNIOHM-SMCJ20 Datasheet
359Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Galaxy Semi-Conductor H...
SMCJ20 BILIN-SMCJ20 Datasheet
736Kb / 7P
   Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ20 DIODES-SMCJ20 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMCJ20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com