Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58BW32FB5T3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M58BW32FB5T3
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW32FB5T3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M58BW32FB5T3 Datasheet HTML 3Page - STMicroelectronics M58BW32FB5T3 Datasheet HTML 4Page - STMicroelectronics M58BW32FB5T3 Datasheet HTML 5Page - STMicroelectronics M58BW32FB5T3 Datasheet HTML 6Page - STMicroelectronics M58BW32FB5T3 Datasheet HTML 7Page - STMicroelectronics M58BW32FB5T3 Datasheet HTML 8Page - STMicroelectronics M58BW32FB5T3 Datasheet HTML 9Page - STMicroelectronics M58BW32FB5T3 Datasheet HTML 10Page - STMicroelectronics M58BW32FB5T3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
M58BW16F, M58BW32F
Description
7/81
1
Description
The M58BW16F and M58BW32F are 16 and 32 Mbit non-volatile Flash memories,
respectively. They can be erased electrically at block level and programmed in-system on a
Double-Word basis using a 2.7V to 3.6V or 2.5V to 3.3V VDD supply for the circuit and a
2.4V to 3.6V VDDQ supply voltage for the Input and Output buffers.
In the rest of the document the M58BW16F and M58BW32F will be referred to as
M58BWxxF unless otherwise specified.
The devices support Asynchronous (Latch Controlled and Page Read) and Synchronous
Bus operations. The Synchronous Burst Read Interface allows a high data transfer rate
controlled by the Burst Clock signal, K. It is capable of bursting fixed or unlimited lengths of
data. The burst type, latency and length are configurable and can be easily adapted to a
large variety of system clock frequencies and microprocessors. All Write operations are
Asynchronous. On power-up the memory defaults to Read mode with an Asynchronous
Bus.
The device features an asymmetrical block architecture:
The M58BW32F has an array of 62 main blocks of 512 Kbits each, plus 4 large
parameter blocks of 128Kbits each and 8 small parameter blocks of 64 Kbits each. The
large and small parameter blocks are located either at the top (M58BW32FT) or at the
bottom (M58BW32FB) of the address space. The first large parameter block is referred
to as Boot Block and can be used either to store a boot code or parameters. The
memory array organization is detailed in Table 2: M58BW32F top boot block addresses
and Table 3: M58BW32F Bottom Boot Block Addresses.
The M58BW16F has an array of 8 parameter blocks of 64Kb each and 31 main blocks
of 512Kb each. In the M58BW16FT the parameter blocks are located at the top of the
address space whereas in the M58BW16FB, they are located at the bottom. The
memory array organization is detailed in Table 4: M58BW16F top boot block addresses
and Table 5: M58BW16F bottom boot block addresses.
Program and Erase commands are written to the Command Interface of the memory. An on-
chip Program/Erase Controller simplifies the process of programming or erasing the
memory by taking care of all of the special operations that are required to update the
memory contents. The end of a Program or Erase operation can be detected and any error
conditions identified in the Status Register. The command set required to control the
memory is consistent with JEDEC standards.
Erase can be suspended in order to perform either Read or Program in any other block, and
then resumed. Program can be suspended to Read data in any other block, and then
resumed. Each block can be programmed and erased over 100,000 cycles.


Similar Part No. - M58BW32FB5T3

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58BW32FB5T3 NUMONYX-M58BW32FB5T3 Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
M58BW32FB5T3F NUMONYX-M58BW32FB5T3F Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
M58BW32FB5T3T NUMONYX-M58BW32FB5T3T Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
More results

Similar Description - M58BW32FB5T3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW032BT STMICROELECTRONICS-M58BW032BT Datasheet
906Kb / 60P
   32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
logo
Numonyx B.V
M58BW16F NUMONYX-M58BW16F Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
logo
Numonyx B.V
M58BW016DB NUMONYX-M58BW016DB Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
logo
STMicroelectronics
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
   64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
M58LW128A STMICROELECTRONICS-M58LW128A Datasheet
932Kb / 65P
   128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
Micron Technology
M58BW016FB7T3T MICRON-M58BW016FB7T3T Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com