Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U846B-FP Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # U846B-FP
Description  Digital Wiper Control for Intermittent and Wipe/ Wash Mode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U846B-FP Datasheet(HTML) 4 Page - TEMIC Semiconductors

  U846B-FP Datasheet HTML 1Page - TEMIC Semiconductors U846B-FP Datasheet HTML 2Page - TEMIC Semiconductors U846B-FP Datasheet HTML 3Page - TEMIC Semiconductors U846B-FP Datasheet HTML 4Page - TEMIC Semiconductors U846B-FP Datasheet HTML 5Page - TEMIC Semiconductors U846B-FP Datasheet HTML 6Page - TEMIC Semiconductors U846B-FP Datasheet HTML 7Page - TEMIC Semiconductors U846B-FP Datasheet HTML 8Page - TEMIC Semiconductors U846B-FP Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
U846B
TELEFUNKEN Semiconductors
Rev. A2, 03-Feb-97
4 (13)
Asynchronous Debouncing Times
Ditigal debouncing by clock count makes all inputs
insusceptible to short interference pulses. The switch
input stages INT, WASH, PARK are debounced at the
positive and negative edge (reverse debouncing).
The debouncing times vary (digital uncertainty). This is
caused by the asynchronism between the random input
signal and the IC clock CL.
Short circuit debouncing is shown in figure 3.
During the relay activation time, the output current is
monitored at each positive edge of the clock. In the case
of a detected short, a 3-stage shift register counts 3
negative edges.
The output stage is disabled with the following positive
edge. Depending on when the short circuit occurs, there
is a variation of 1 clock: the delay time may last from 2
to 4 clock cycles. In the case of the other times, (e.g.,
debouncimg input INT) the digital uncertainty adds up to
± 4 cycles.
Relay Output
The relay output is an open collector Darlington transistor
stage with an integrated 28-V Zener diode which limits
the relay coil‘s inductive cut–out pulse. The maximum
static collector current must not exceed 300 mA and the
saturation voltage is typically Vsat = 1.2 V@ 200 mA.
An integrated shunt resistor measures the collector
current constantly. If a typical value of I8 = 500 mA is
exceeded, the short circuit detection buffer is set.
The output stage is switched off and is kept disabled even
if an input switch is still on. When an input switch is
opened, the short circuit buffer is reset after the debounc-
ing delay and the output can be activated again.
If
* after closing an input switch again * a persistant
short is detected, the short circuit buffer is set again and
the output is disabled. If no short circuit condition is
detected normal operation continues.
In order to avoid short term disabling caused by current
pulses
of
transients,
a
typical
debounce
period
(tDSC = 10 ms) is provided (see figure 3).
During a load-dump pulse (VBatt > 30 V), the output
transistor is switched to conductive condition to prevent
it from being destroyed. The output transistor absorbs the
current during the load-dump pulse (1A, short term).
Short circuit detection is disabled during the load-dump.
Power-on Reset
When the supply voltage is switched on, an internal pow-
er-on reset pulse (POR) with a prolongation time of
tDPOR = 25 ms is generated to set and hold the integrated
logic at the condition which is defined initially.
During tDPOR the relay output stage is kept disabled and
the short circuit buffer is reset.
Functional Description
All timing periods refers to f0 = 320 Hz with R6 = 36 k
W
and C2 = 100 nF
Interval Function
The interval mode is activated with the high side input
switch INT. After the debouncing time tDINT the relay is
activated and the wiper motor performs one turn. The be-
ginning of the interval pause depends on the application
“with or without the park-switch” (see figures 5, 6, 7 and
8). If the INT switch is opened the wiper performs a full
turn as long as the relay is energized.
Contact Current and Leakage Resistance
As the current into Pin 1 (INT) only ranges from 200
mA
to 800
mA (depending on the potentiometer value), an
external pull-down resistor helps to increase the contact
current of the interval switch INT.
The input is detected “open” and the intermittent function
is not activated if the input resistance of Pin 1 exceeds
45 k
W.
Timing of the Interval Pause t2
During the interval pause the oscillator frequency is
switched from f0 to fINT. Thus the frequency-determing
resistor is now (R2 + R3). The frequency is calculated
approximately by using the following formulas:
fINT
[ 4.4/ (57
C2
(R2 + R3))
t2
[ 5700
C2
(R2 + R3)
Correct operation is ensured, with
2 k
W < (R2 + R3) < 40 kW
With the recommended value of C2 = 100 nF, the pause
time can be adjusted to 1 s < t2 < 27 s (see figure 4).
When the interval pause has been completed the oscil-
lator is switched to its basic frequency f0.


Similar Part No. - U846B-FP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U840 ETC2-U840 Datasheet
94Kb / 1P
   9000 SERIES - MNIATURE MOMENTARY PUSHBUTTON SWTCHES
U840A ETC2-U840A Datasheet
57Kb / 1P
   TOILET TISSUE DISPENSER
logo
TEMIC Semiconductors
U840B TEMIC-U840B Datasheet
169Kb / 8P
   Digital / Wipe-Wash Control for Rear or Front Wiper
U840B-FP TEMIC-U840B-FP Datasheet
169Kb / 8P
   Digital / Wipe-Wash Control for Rear or Front Wiper
logo
List of Unclassifed Man...
U841 ETC2-U841 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
More results

Similar Description - U846B-FP

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U842B TEMIC-U842B Datasheet
264Kb / 12P
   Wiper Control for Intermittent and Wipe/ Wash Mode
U2642B TEMIC-U2642B Datasheet
178Kb / 10P
   Intermittent- and Wipe/Wash Control for Wiper Systems
logo
ATMEL Corporation
U2640B ATMEL-U2640B Datasheet
85Kb / 10P
   Intemittent- and Wipe/ Wash Control for Wiper Systems
logo
Unisonic Technologies
UU642 UTC-UU642_15 Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
IK Semicon Co., Ltd
IK642BN IKSEMICON-IK642BN Datasheet
417Kb / 11P
   INTERVAL- and WIPE/WASH WIPER CONTROL IC
logo
TEMIC Semiconductors
U840B TEMIC-U840B Datasheet
169Kb / 8P
   Digital / Wipe-Wash Control for Rear or Front Wiper
logo
ATMEL Corporation
U642B ATMEL-U642B_05 Datasheet
195Kb / 12P
   Interval- and Wipe/ Wash Wiper Control IC
logo
Unisonic Technologies
UU642 UTC-UU642 Datasheet
164Kb / 5P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
ATMEL Corporation
U642B ATMEL-U642B_07 Datasheet
241Kb / 12P
   Interval and Wipe/Wash Wiper Control IC
U642B ATMEL-U642B Datasheet
53Kb / 7P
   Interval- and Wipe/ Wash Wiper Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com