Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2722 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BU2722
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2722 Datasheet(HTML) 5 Page - NXP Semiconductors

  BU2722 Datasheet HTML 1Page - NXP Semiconductors BU2722 Datasheet HTML 2Page - NXP Semiconductors BU2722 Datasheet HTML 3Page - NXP Semiconductors BU2722 Datasheet HTML 4Page - NXP Semiconductors BU2722 Datasheet HTML 5Page - NXP Semiconductors BU2722 Datasheet HTML 6Page - NXP Semiconductors BU2722 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2722AX
Fig.13. Typical power dissipation.
P
tot = f(IB); IC = 4.5 A; f = 64 kHz; Parameter Ths
Fig.14. Test Circuit RBSOA. V
CC = 150 V;
-V
BB = 1 - 4 V;
L
C = 1 mH; VCL = 1500 V; LB = 1 - 3 µH;
C
FB = 1 - 4 nF; IB(end) = 0.8 - 4 A
Fig.15. Reverse bias safe operating area. T
j ≤ Tjmax
01
23
4
1
10
100
BU2722AF
Ptot / W
IB / A
Ths = 85 C
Ths = 25 C
1000
0
2
4
6
8
10
12
14
16
18
20
22
24
26
VCE / V
IC / A
1700
BU2720AF/DF
Area where
fails occur
100
LB
IBend
-VBB
LC
T.U.T.
VCC
VCL
CFB
September 1997
5
Rev 1.200


Similar Part No. - BU2722

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU2722 PHILIPS-BU2722 Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2722AF PHILIPS-BU2722AF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
logo
Savantic, Inc.
BU2722AF SAVANTIC-BU2722AF Datasheet
117Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
BU2722AF JMNIC-BU2722AF Datasheet
85Kb / 3P
   Silicon Power Transistors
logo
Inchange Semiconductor ...
BU2722AF ISC-BU2722AF Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BU2722

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com