Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMB2330T Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # PMB2330T
Description  2-GHz-Mixer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PMB2330T Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  PMB2330T Datasheet HTML 1Page - Siemens Semiconductor Group PMB2330T Datasheet HTML 2Page - Siemens Semiconductor Group PMB2330T Datasheet HTML 3Page - Siemens Semiconductor Group PMB2330T Datasheet HTML 4Page - Siemens Semiconductor Group PMB2330T Datasheet HTML 5Page - Siemens Semiconductor Group PMB2330T Datasheet HTML 6Page - Siemens Semiconductor Group PMB2330T Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PMB 2330
Semiconductor Group
3
Block Diagram


Similar Part No. - PMB2330T

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PMB2331 SIEMENS-PMB2331 Datasheet
556Kb / 21P
   The mixer used in this design is a general purpose up-/downconversion gilbert cell mixer
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
More results

Similar Description - PMB2330T

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA6130-5X4 SIEMENS-TDA6130-5X4 Datasheet
177Kb / 8P
   2-GHz MIXER
logo
ATMEL Corporation
U2796B ATMEL-U2796B Datasheet
98Kb / 10P
   2-GHz Single-Balanced Mixer
logo
TEMIC Semiconductors
U2796B TEMIC-U2796B Datasheet
150Kb / 11P
   2-GHz Single Balanced Mixer
logo
HBH Microwave GmbH
HX5005 HBH-HX5005 Datasheet
39Kb / 2P
   2 - 7 GHz GaAs Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC115 HITTITE-HMC115 Datasheet
95Kb / 1P
   GaAs DOUBLE-BALANCED 2 TO 6 GHz MIXER
logo
HBH Microwave GmbH
HX5002_SMD HBH-HX5002_SMD Datasheet
19Kb / 1P
   4 - 6 GHz Mixer
logo
Qorvo, Inc
CMD181K3 QORVO-CMD181K3 Datasheet
405Kb / 13P
   26-44 GHz Mixer
logo
HBH Microwave GmbH
HX5002 HBH-HX5002 Datasheet
20Kb / 1P
   4 - 6 GHz Mixer
logo
TriQuint Semiconductor
TGC1430H TRIQUINT-TGC1430H Datasheet
438Kb / 3P
   20 - 40 GHz IQ Mixer
logo
Qorvo, Inc
CMD177C3 QORVO-CMD177C3 Datasheet
237Kb / 11P
   6-14 GHz Fundamental Mixer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com