Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMP-386F-BLK Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HSMP-386F-BLK
Description  Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-386F-BLK Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HSMP-386F-BLK Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-386F-BLK Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-386F-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-386F-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-386F-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-386F-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-386F-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-386F-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-386F-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Typical Performance, T
C = 25°C
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD VOLTAGE (mA)
Figure 11. Forward Current vs.
Forward Voltage. HSMP-381B/C/E/F
Series and HSMP-481B.
125
°C 25°C –50°C
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD VOLTAGE (V)
Figure 13. Forward Current vs.
Forward Voltage. HSMP-386B/C/E/F
Series.
125
°C 25°C –50°C
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD VOLTAGE (V)
Figure 14. Forward Current vs.
Forward Voltage. HSMP-389B/C/E/F
Series and HSMP-489B.
125
°C 25°C –50°C
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD VOLTAGE (mA)
Figure 12. Forward Current vs.
Forward Voltage. HSMP-482B.
125
°C 25°C –50°C
200
160
120
80
40
0
10
20
15
25
30
FORWARD CURRENT (mA)
Figure 10. Typical Reverse Recovery
Time vs. Reverse Voltage.
HSMP-389B/C/E/F Series.
VR = –2V
VR = –5V
VR = –10V


Similar Part No. - HSMP-386F-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-386F-BLK HP-HSMP-386F-BLK Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386F-BLKG AVAGO-HSMP-386F-BLKG Datasheet
273Kb / 10P
   Unique Configurations in Surface Mount Packages
More results

Similar Description - HSMP-386F-BLK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC856AWT1 MOTOROLA-BC856AWT1 Datasheet
251Kb / 8P
   CASE 419-02, STYLE 3 SOT-323/SC-70
BC846AWT1 MOTOROLA-BC846AWT1 Datasheet
207Kb / 6P
   CASE 419-02, STYLE 3 SOT-323/SC-70
BAV99WT1 MOTOROLA-BAV99WT1 Datasheet
128Kb / 6P
   SC-70/SOT-323 Dual Series Switching Diode
logo
Vishay Siliconix
BAR64V-04W VISHAY-BAR64V-04W Datasheet
121Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 15-Apr-05
BAR63V-04W VISHAY-BAR63V-04W Datasheet
127Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 26-Apr-04
logo
Motorola, Inc
BAS16WT1 MOTOROLA-BAS16WT1 Datasheet
98Kb / 6P
   CASE 419-02, STYLE 2 SC-70/SOT-323
BAV70WT1 MOTOROLA-BAV70WT1 Datasheet
99Kb / 6P
   CASE 419-02, STYLE 5 SC-70/SOT-323
logo
Vishay Siliconix
BAR64V-05W-V VISHAY-BAR64V-05W-V_10 Datasheet
94Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.3, 29-Oct-10
BAR64V-05W VISHAY-BAR64V-05W Datasheet
93Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.5, 25-Feb-13
BAR63V-06W VISHAY-BAR63V-06W Datasheet
132Kb / 5P
   RF PIN Diodes - Dual, Common Anode in SOT-323
Rev. 1.3, 15-Apr-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com