Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA160NJ40D Datasheet(PDF) 3 Page - International Rectifier

Part # HFA160NJ40D
Description  HEXFRED TM Ultrafast, Soft Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA160NJ40D Datasheet(HTML) 3 Page - International Rectifier

  HFA160NJ40D Datasheet HTML 1Page - International Rectifier HFA160NJ40D Datasheet HTML 2Page - International Rectifier HFA160NJ40D Datasheet HTML 3Page - International Rectifier HFA160NJ40D Datasheet HTML 4Page - International Rectifier HFA160NJ40D Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HFA160NJ40D
PD-2.511 rev. A 02/99
3
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics, (per Leg)
Fig. 2 - Typical Reverse Current vs. Reverse
Voltage, (per Leg)
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage, (per Leg)
Fig. 1 - Maximum Forward Voltage Drop
vs. Instantaneous Forward Current,
(per Leg)
0.1
1
10
100
1000
10000
0
100
200
300
400
R
Reverse Voltage - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J
1
10
100
1000
0.4
0.8
1.2
1.6
2.0
FM
Forward Voltage Drop - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J
100
1000
10000
1
10
100
1000
T = 25°C
J
Reverse Voltage - V (V)
R
A
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1
t , Rectangular Pulse Duration (Seconds)
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
Single Pulse
(Thermal Resistance)
2
t
1
t
P
DM
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
JDM
thJC
C
2
1


Similar Part No. - HFA160NJ40D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA160NJ40C IRF-HFA160NJ40C Datasheet
334Kb / 5P
   Ultrafast, Soft Recovery Diode
More results

Similar Description - HFA160NJ40D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA40HF120 IRF-HFA40HF120 Datasheet
120Kb / 5P
   HEXFRED TM Ultrafast, Soft Recovery Diode
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
   HEXFRED ULTRAFAST SOFT RECOVERY DIODE
HFA75MB40C IRF-HFA75MB40C Datasheet
278Kb / 5P
   Ultrafast, Soft Recovery Diode HEXFRED
HFA320NJ40C IRF-HFA320NJ40C Datasheet
329Kb / 5P
   HEXFRED Ultrafast, Soft Recovery Diode
HFA16PB120 IRF-HFA16PB120 Datasheet
164Kb / 6P
   Ultrafast, Soft Recovery Diode HEXFRED
HFA140NJ60C IRF-HFA140NJ60C Datasheet
320Kb / 5P
   HEXFRED Ultrafast, Soft Recovery Diode
HFA06PB120 IRF-HFA06PB120 Datasheet
188Kb / 7P
   HEXFRED Ultrafast, Soft Recovery Diode
HFA100MD60C IRF-HFA100MD60C Datasheet
309Kb / 5P
   HEXFRED??Ultrafast, Soft Recovery Diode
HFA105NH60 IRF-HFA105NH60 Datasheet
293Kb / 5P
   HEXFRED??Ultrafast, Soft Recovery Diode
HFA105NH60R IRF-HFA105NH60R Datasheet
282Kb / 5P
   HEXFRED??Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com