Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF38M1-L6DAGXX Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MF38M1-L6DAGXX
Description  8/16-bit Data Bus Static RAM Card
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF38M1-L6DAGXX Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MF38M1-L6DAGXX Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF38M1-L6DAGXX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF38M1-L6DAGXX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF38M1-L6DAGXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF38M1-L6DAGXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF38M1-L6DAGXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF38M1-L6DAGXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF38M1-L6DAGXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF38M1-L6DAGXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MITSUBISHI MEMORY CARD
STATIC RAM CARDS
MITSUBISHI
ELECTRIC
2/11
PIN ASSIGNMENT
Two-Piece Type (68-pin)
Pin
Pin
No.
No.
1
GND
Ground
35
GND
Ground
2
D3
36
CD1#
Card detect 1
3
D4
37
D11
4
D5
Data I/O
38
D12
5
D6
39
D13
Data I/O
6
D7
40
D14
7
CE1#
Card enable 1
41
D15
8
A10
Address input
42
CE2#
Card enable 2
9
OE#
Output enable
43
NC
10
A11
44
NC
No connection
11
A9
45
NC
12
A8
Address input
46
A17
13
A13
47
A18
14
A14
48
A19
Address input
15
WE#
Write enable
49
A20
16
NC
No connection
50
A21
17
VCC
Power supply voltage
51
VCC
Power supply voltage
18
NC
No connection
52
NC
No connection
19
A16
53
A22
Address input
20
A15
54
NC
21
A12
55
NC
22
A7
56
NC
23
A6
57
NC
No connection
24
A5
Address input
58
NC
25
A4
59
NC
26
A3
60
NC
27
A2
61
REG
#
REG function
28
A1
62
BVD2
Battery voltage detect 2
29
A0
63
BVD1
Battery voltage detect 1
30
D0
64
D8
31
D1
Data I/O
65
D9
Data I/O
32
D2
66
D10
33
WP
Write protect
67
CD2#
Card detect 2
34
GND
Ground
68
GND
Ground
WRITE PROTECT MODE (WP)
When the write protect switch is switched on, this
card goes into a write protect mode that can read
but not write data.
In this mode, WP pin becomes “H” level.
At the shipment the write protect switch is switched
off (Normal mode : The card can be written ; WP pin
indicates “L” level).
Symbol
Symbol
Function
Function


Similar Part No. - MF38M1-L6DAGXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF38M1-LCDAGXX MITSUBISHI-MF38M1-LCDAGXX Datasheet
258Kb / 9P
   8/16-bit Data Bus Static RAM Card
MF38M1-LSDAGXX MITSUBISHI-MF38M1-LSDAGXX Datasheet
258Kb / 9P
   8/16-bit Data Bus Static RAM Card
More results

Similar Description - MF38M1-L6DAGXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF365A-LYCATXX MITSUBISHI-MF365A-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF365A-LCDATXX MITSUBISHI-MF365A-LCDATXX Datasheet
254Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF38M1-LCDAGXX MITSUBISHI-MF38M1-LCDAGXX Datasheet
258Kb / 9P
   8/16-bit Data Bus Static RAM Card
MF365A-J9CATXX MITSUBISHI-MF365A-J9CATXX Datasheet
102Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF82M1-GMCAVXX MITSUBISHI-MF82M1-GMCAVXX Datasheet
148Kb / 22P
   8/16-bit Data Bus Flash Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com