Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMP-381E Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HSMP-381E
Description  Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-381E Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HSMP-381E Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-381E Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-381E Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-381E Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-381E Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-381E Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-381E Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-381E Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-381E Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Electrical Specifications, T
C = +25°C, each diode
PIN Attenuator Diodes
Minimum
Maximum
Maximum
Minimum
Maximum
Part
Package
Breakdown
Total
Total
High
Low
Number Marking Lead
Voltage
Resistance Capacitance Resistance Resistance
HSMP-
Code[1] Code Configuration
V
BR (V)
R
T (Ω)CT (pF)
R
H (Ω)RL (Ω)
381B
E0
B
Single
100
3.0
0.35
1500
10
381C
E2
C
Series
381E
E3
E
Common Anode
381F
E4
F
Common Cathode
Test Conditions
V
R = VBR
I
F = 100 mA
V
R = 50 V
I
R = 0.01 mA
I
F = 20 mA
Measure
f = 100 MHz
f = 1 MHz
f = 100 MHz f = 100 MHz
IR ≤ 10 µA
PIN General Purpose Diodes
Minimum
Typical
Typical
Part
Package
Breakdown
Total
Total
Number
Marking
Lead
Voltage
Resistance
Capacitance
HSMP-
Code[1]
Code
Configuration
V
BR (V)
R
T (Ω)CT (pF)
386B
L0
B
Single
50
3.0
1.5*
0.20
386C
L2
C
Series
386E
L3
E
Common Anode
386F
L4
F
Common Cathode
Test Conditions
V
R = VBR
I
F = 10 mA
V
R = 50 V
Measure
f = 100 MHz
f = 1 MHz
IR ≤ 10 µAIF = 100 mA*
PIN Switching Diodes
Minimum
Maximum
Maximum
Part
Package
Breakdown
Total
Total
Number
Marking
Lead
Voltage
Resistance
Capacitance
HSMP-
Code[1]
Code
Configuration
V
BR (V)
R
T (Ω)CT (pF)
389B
G0
B
Single
100
2.5
0.30
389C
G2
C
Series
389E
G3
E
Common Anode
389F
G4
F
Common Cathode
Test Conditions
V
R = VBR
I
F = 5 mA
V
R = 5 V
Measure
f = 100 MHz
f = 1 MHz
IR ≤ 10 µA


Similar Part No. - HSMP-381E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-381E HP-HSMP-381E Datasheet
153Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-381E AVAGO-HSMP-381E Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Broadcom Corporation.
HSMP-381E BOARDCOM-HSMP-381E Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-381E-BLKG AVAGO-HSMP-381E-BLKG Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-381E-TR1G AVAGO-HSMP-381E-TR1G Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
More results

Similar Description - HSMP-381E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC856AWT1 MOTOROLA-BC856AWT1 Datasheet
251Kb / 8P
   CASE 419-02, STYLE 3 SOT-323/SC-70
BC846AWT1 MOTOROLA-BC846AWT1 Datasheet
207Kb / 6P
   CASE 419-02, STYLE 3 SOT-323/SC-70
BAV99WT1 MOTOROLA-BAV99WT1 Datasheet
128Kb / 6P
   SC-70/SOT-323 Dual Series Switching Diode
logo
Vishay Siliconix
BAR64V-04W VISHAY-BAR64V-04W Datasheet
121Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 15-Apr-05
BAR63V-04W VISHAY-BAR63V-04W Datasheet
127Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 26-Apr-04
logo
Motorola, Inc
BAS16WT1 MOTOROLA-BAS16WT1 Datasheet
98Kb / 6P
   CASE 419-02, STYLE 2 SC-70/SOT-323
BAV70WT1 MOTOROLA-BAV70WT1 Datasheet
99Kb / 6P
   CASE 419-02, STYLE 5 SC-70/SOT-323
logo
Vishay Siliconix
BAR64V-05W-V VISHAY-BAR64V-05W-V_10 Datasheet
94Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.3, 29-Oct-10
BAR64V-05W VISHAY-BAR64V-05W Datasheet
93Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.5, 25-Feb-13
BAR63V-06W VISHAY-BAR63V-06W Datasheet
132Kb / 5P
   RF PIN Diodes - Dual, Common Anode in SOT-323
Rev. 1.3, 15-Apr-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com