Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11575-801 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 11575-801
Description  EEPROM Programmable 3-PLL Clock Generator IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

11575-801 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  11575-801 Datasheet HTML 1Page - List of Unclassifed Manufacturers 11575-801 Datasheet HTML 2Page - List of Unclassifed Manufacturers 11575-801 Datasheet HTML 3Page - List of Unclassifed Manufacturers 11575-801 Datasheet HTML 4Page - List of Unclassifed Manufacturers 11575-801 Datasheet HTML 5Page - List of Unclassifed Manufacturers 11575-801 Datasheet HTML 6Page - List of Unclassifed Manufacturers 11575-801 Datasheet HTML 7Page - List of Unclassifed Manufacturers 11575-801 Datasheet HTML 8Page - List of Unclassifed Manufacturers 11575-801 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
FS6370-01
FS6370-01
FS6370-01
FS6370-01
EEPROM Programmable 3-PLL Clock Generator IC
EEPROM Programmable 3-PLL Clock Generator IC
EEPROM Programmable 3-PLL Clock Generator IC
EEPROM Programmable 3-PLL Clock Generator IC
Table 1: Pin Descriptions
Key: AI = Analog Input; AO = Analog Output; DI = Digital Input; DI
U = Input with Internal Pull-Up; DI
D = Input with Internal Pull-Down; DIO = Digital Input/Output; DI-3 = Three-Level Digital Input,
DO = Digital Output; P = Power/Ground; # = Active Low pin
PIN
TYPE
NAME
DESCRIPTION
1
P
VSS
Ground
2DI
U
SEL_CD
Selects one of two programmed PLL C, Mux C/D, and Post Divider C/D combinations
3DI
U
PD/SCL
Power-Down Input (Run Mode) or
Serial Interface Clock Input (Program Mode)
4
P
VSS
Ground
5
AI
XIN
Crystal Oscillator Feedback
6
AO
XOUT
Crystal Oscillator Drive
7DI
UO
OE/SDA
Output Enable Input (Run Mode) or
Serial Interface Data Input/Output (Program Mode)
8
P
VDD
Power Supply (5V to 3.3V)
9DI
U
MODE
Selects either Program Mode (low) or Run Mode (high)
10
DO
CLK_D
D Clock Output
11
P
VSS
Ground
12
DO
CLK_C
C Clock Output
13
DO
CLK_B
B Clock Output
14
P
VDD
Power Supply (5V to 3.3V)
15
DO
CLK_A
A Clock Output
16
P
VDD
Power Supply (5V to 3.3V)
3.0
Functional Block Description
3.1
Phase Locked Loops
Each of the three on-chip phase-locked loops (PLLs) is a
standard phase- and frequency-locked loop architecture
that multiplies a reference frequency to a desired fre-
quency by a ratio of integers. This frequency multiplica-
tion is exact.
As shown in Figure 3, each PLL consists of a Reference
Divider, a Phase-Frequency Detector (PFD), a charge
pump, an internal loop filter, a Voltage-Controlled Oscil-
lator (VCO), and a Feedback Divider.
During operation, the reference frequency (fREF), gener-
ated by the on-board crystal oscillator, is first reduced by
the Reference Divider. The divider value is often referred
to as the modulus, and is denoted as NR for the Refer-
ence Divider. The divided reference is fed into the PFD.
The PFD controls the frequency of the VCO (fVCO)
through the charge pump and loop filter. The VCO pro-
vides a high-speed, low noise, continuously variable fre-
quency clock source for the PLL. The output of the VCO
is fed back to the PFD through the Feedback Divider (the
modulus is denoted by NF) to close the loop.
Figure 3: PLL Block Diagram
Reference
Divider
(N
R)
Phase-
Frequency
Detector
Charge
Pump
UP
DOWN
Feedback
Divider (N
F)
Loop
Filter
REFDIV[7:0]
FBKDIV[10:0]
LFTC
CP
f
REF
f
VCO
Voltage
Controlled
Oscillator
f
PD


Similar Part No. - 11575-801

ManufacturerPart #DatasheetDescription
logo
Heyco.
1157 HEYCO-1157 Datasheet
112Kb / 1P
   Original Strain Relief Bushings
logo
HellermannTyton.
1157-4-G HELLERMANNTYTON-1157-4-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
1157-4-GP HELLERMANNTYTON-1157-4-GP Datasheet
2Mb / 70P
   NorthAmericanProductGuide
logo
Weidmuller
1157160000 WEIDMULLER-1157160000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
logo
TE Connectivity Ltd
1157164-6 TEC-1157164-6 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results

Similar Description - 11575-801

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS6370 ONSEMI-FS6370 Datasheet
585Kb / 28P
   EEPROM Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 3
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
   Programmable 3-PLL Clock Generator IC
logo
ON Semiconductor
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
   Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com