Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A625308M Datasheet(PDF) 3 Page - AMIC Technology

Part # A625308M
Description  32K X 8 BIT CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A625308M Datasheet(HTML) 3 Page - AMIC Technology

  A625308M Datasheet HTML 1Page - AMIC Technology A625308M Datasheet HTML 2Page - AMIC Technology A625308M Datasheet HTML 3Page - AMIC Technology A625308M Datasheet HTML 4Page - AMIC Technology A625308M Datasheet HTML 5Page - AMIC Technology A625308M Datasheet HTML 6Page - AMIC Technology A625308M Datasheet HTML 7Page - AMIC Technology A625308M Datasheet HTML 8Page - AMIC Technology A625308M Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
A625308 Series
PRELIMINARY
(December, 2000, Version 0.2)
2
AMIC Technology, Inc.
Block Diagram
ROW
DECODER
512 X 512
MEMORY ARRAY
COLUMN I/O
COLUMN DECODER
INPUT
DATA
CIRCUIT
CONTORL
CIRCUIT
VCC
GND
A10
A4
A0
CE
OE
WE
I/O7
I/O0
A14
A11
A9
A5
Pin Descriptions - SOP
Pin No.
Symbol
Description
1-10, 21, 23-26
A0 - A14
Address Input
11-13, 15-19
I/O0 - I/O7
Data Inputs/Outputs
14
GND
Ground
20
CE
Chip Enable
22
OE
Output Enable
27
WE
Write Enable
28
VCC
Power Supply
Pin Description-TSOP
Pin No.
Symbol
Description
1
OE
Output Enable
2-5, 8-17, 28
A0 - A14
Address Input
7
VCC
Power Supply
6
WE
Write Enable
18-20, 22-26
I/O0 - I/O7
Data Inputs/Outputs
21
GND
Ground
27
CE
Chip Enable


Similar Part No. - A625308M

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308 AMICC-A625308 Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308A AMICC-A625308A Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308A-70S AMICC-A625308A-70S Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308A-70SI AMICC-A625308A-70SI Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308A-70SU AMICC-A625308A-70SU Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
More results

Similar Description - A625308M

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
logo
Hynix Semiconductor
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
   32K x 8-BIT CMOS SRAM
logo
AMIC Technology
A625308A AMICC-A625308A Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com