Part Name
         Description
TPS3103E15DBVR

 ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS ( 19 Page)


TI
100% 
Zoom Out Zoom In
 14 page
background image
TPS31xxExx, TPS31xxH20, TPS31xxK33
ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
SLVS363 – AUGUST 2001
14
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
2
4
6
8
101214
161820
TA = 25°C
TA = 0°C
TA = –40°C
TA = 85°C
VDD = 3.3 V
SENSE = GND
MR = GND
WDI = GND
TPS3110E09
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
Figure 7
0.60
0.65
0.70
0.75
0.80
0.85
0.90
–0.5
–0.4
–0.3
–0.2
–0.1
0
TA = 25°C
TA = 0°C
TA = –40°C
TA = 85°C
VDD = 0.9 V
SENSE = VDD
MR = VDD
WDI : Triggered
TPS3110E09
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH – High-Level Output Current – mA
Figure 8
TA = –40°C
2
2.2
2.4
2.6
2.8
3
3.2
3.4
–25
–20
–15
–10
–5
0
TA =–40°C
TA = 0°C
TA = 25°C
TA = 85°C
VDD = 3.3 V
SENSE = VDD
MR = VDD
WDI : Triggered
TPS3110K33
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH – Low-Level Output Current – mA
Figure 9
0
5
10
15
20
25
30
35
40
45
50
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5
MINIMUM PULSE DURATION AT VDD
vs
THRESHOLD OVERDRIVE VOLTAGE
VDD – Threshold Overdrive Voltage – V
VDD = 3.3 V
VDD = 0.9 V
MR : Open
SENSE = VDD



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADR440Ultralow Noise LDO XFET Voltage References with Current Sink and Source 1 2 3 4 5 MoreAnalog Devices
FBA09ALocked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection 1 2 3 4 5 MorePanasonic Semiconductor
AD80453 nV/Hz Ultralow Distortion High Speed Op Amp 1 2 3 4 5 MoreAnalog Devices
TL594IPULSE-WIDTH-MODULATION CONTROL CIRCUITS 1 2 3 4 5 MoreTexas Instruments
ADA4430-1Ultralow Power Video Filter with Power-Down 1 2 3 4 5 MoreAnalog Devices
AN135Sensor Circuits and Digitally Controlled Potentiometers 1 2 3 4 5 Xicor Inc.
ADA4850-1High Speed Rail-to-Rail Output Op Amp with Ultralow Power-Down 1 2 3 4 5 MoreAnalog Devices
MC44817PLL Tuning Circuits with 3-Wire Bus 1 2 3 4 5 MoreMotorola, Inc
ADA4853-1Low Power Rail-to-Rail Output Video Op Amp with Ultralow Power Disable 1 2 3 4 5 MoreAnalog Devices
AN2130Video Camera Gamma Correction and AGC Circuits 1 2 3 4 5 MorePanasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl