Electronic Components Datasheet Search |
|
MC74HCT04ADT Datasheet(PDF) 5 Page - Motorola, Inc |
|
MC74HCT04ADT Datasheet(HTML) 5 Page - Motorola, Inc |
5 / 6 page MC74HCT04A High–Speed CMOS Logic Data DL129 — Rev 6 5 MOTOROLA OUTLINE DIMENSIONS N SUFFIX PLASTIC DIP PACKAGE CASE 646–06 ISSUE L NOTES: 1. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE POSITION AT SEATING PLANE AT MAXIMUM MATERIAL CONDITION. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 4. ROUNDED CORNERS OPTIONAL. 1 7 14 8 B A F H G D K C N L J M SEATING PLANE DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.715 0.770 18.16 19.56 B 0.240 0.260 6.10 6.60 C 0.145 0.185 3.69 4.69 D 0.015 0.021 0.38 0.53 F 0.040 0.070 1.02 1.78 G 0.100 BSC 2.54 BSC H 0.052 0.095 1.32 2.41 J 0.008 0.015 0.20 0.38 K 0.115 0.135 2.92 3.43 L 0.300 BSC 7.62 BSC M 0 10 0 10 N 0.015 0.039 0.39 1.01 _ _ _ _ D SUFFIX PLASTIC SOIC PACKAGE CASE 751A–03 ISSUE F MIN MIN MAX MAX MILLIMETERS INCHES DIM A B C D F G J K M P R 8.55 3.80 1.35 0.35 0.40 0.19 0.10 0 ° 5.80 0.25 8.75 4.00 1.75 0.49 1.25 0.25 0.25 7 ° 6.20 0.50 0.337 0.150 0.054 0.014 0.016 0.008 0.004 0 ° 0.228 0.010 0.344 0.157 0.068 0.019 0.049 0.009 0.009 7 ° 0.244 0.019 1.27 BSC 0.050 BSC NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. –A– –B– P 7 PL G C K SEATING PLANE D 14 PL M J R X 45 ° 1 7 8 14 0.25 (0.010) T B A M S S B 0.25 (0.010) M M F |
Similar Part No. - MC74HCT04ADT |
|
Similar Description - MC74HCT04ADT |