Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC4256C-5T176I Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # LC4256C-5T176I
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256C-5T176I Datasheet(HTML) 5 Page - Lattice Semiconductor

  LC4256C-5T176I Datasheet HTML 1Page - Lattice Semiconductor LC4256C-5T176I Datasheet HTML 2Page - Lattice Semiconductor LC4256C-5T176I Datasheet HTML 3Page - Lattice Semiconductor LC4256C-5T176I Datasheet HTML 4Page - Lattice Semiconductor LC4256C-5T176I Datasheet HTML 5Page - Lattice Semiconductor LC4256C-5T176I Datasheet HTML 6Page - Lattice Semiconductor LC4256C-5T176I Datasheet HTML 7Page - Lattice Semiconductor LC4256C-5T176I Datasheet HTML 8Page - Lattice Semiconductor LC4256C-5T176I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
5
Figure 3. AND Array
Enhanced Logic Allocator
Within the logic allocator, product terms are allocated to macrocells in product term clusters. Each product term
cluster is associated with a macrocell. The cluster size for the ispMACH 4000 family is 4+1 (total 5) product terms.
The software automatically considers the availability and distribution of product term clusters as it fits the functions
within a GLB. The logic allocator is designed to provide three speed paths: 5-PT fast bypass path, 20-PT Speed
Locking path and an up to 80-PT path. The availability of these three paths lets designers trade timing variability for
increased performance.
The enhanced Logic Allocator of the ispMACH 4000 family consists of the following blocks:
• Product Term Allocator
• Cluster Allocator
• Wide Steering Logic
Figure 4 shows a macrocell slice of the Logic Allocator. There are 16 such slices in the GLB.
Figure 4. Macrocell Slice
PT0
PT1
Cluster 0
PT2
PT3
PT4
In[0]
In[34]
In[35]
Note:
Indicates programmable fuse.
PT80
PT81
PT82
Shared PT Clock
Shared PT Initialization
Shared PTOE
PT76
PT77
PT78
PT79
PT75
Cluster 15
to
n+1
to
n-1
to
n-2
from
n-1
from
n-4
from
n+2
from
n+1
5-PT
From
n-4
1-80
PTs
To n+4
Fast 5-PT
Path
To XOR (MC)
Cluster
Individual Product
Term Allocator
Cluster
Allocator
SuperWIDE™
Steering Logic
n


Similar Part No. - LC4256C-5T176I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256C-5T176I LATTICE-LC4256C-5T176I Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256C-5T176I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com