Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF3129-LYCATXX Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # MF3129-LYCATXX
Description  8/16-bit Data Bus Static RAM Card
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF3129-LYCATXX Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button MF3129-LYCATXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF3129-LYCATXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF3129-LYCATXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF3129-LYCATXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF3129-LYCATXX Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MF3129-LYCATXX Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MF3129-LYCATXX Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MF3129-LYCATXX Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MF3129-LYCATXX Datasheet HTML 14Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MITSUBISHI MEMORY CARD
STATIC RAM CARDS
MITSUBISHI
ELECTRIC
11/14
Apr. 1999 Rev. 1.2
18. ELECTRICAL CHARACTERISTICS
BATTERY BACKUP (Ta=0~55°C, unless otherwise noted)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
VBATT
Back-up enable battery voltage
All pins open
2.6
V
Vi
(CE)
Card enable voltage
3.5V
≤VCC≤5.25V
3.5
V
0V
≤VCC<3.5V
Vcc-0.1
Vcc
Vcc+0.1
64KB
3
128KB
3
All pins open,
256KB
3
Battery back-up supply current
VBATT=3V,
512KB
5
µA
Ta=25°C
1MB
3
2MB
5
Icc
4MB
9
(Bup)
64KB
30
128KB
30
All pins open,
256KB
30
Battery back-up supply current
VBATT=3V
512KB
50
µA
1MB
30
2MB
50
4MB
90
19. TIMING REQUIREMENTS (Ta=0~55°C, unless otherwise noted)
Symbol
Parameter
Limits
Min.
Typ.
Max.
Tpr
Power supply rise time
0.1
300
ms
tpf
Power supply fall time
3
300
ms
tsu(Vcc)
Setup time at power on
20
ms
trec(Vcc)
Recovery time at power off
1000
ns
CARD INSERTION/REMOVAL TIMING DIAGRAM
VCC
CE1#,
CE2#
trec(VCC)
tpf
90%
VIH
10%
VCC
CE1#,
CE2#
tsu(VCC)
tpr
90%
VIH
10%
VCC MIN
VCC MIN


Similar Part No. - MF3129-LYCATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF3129-LCDATXX MITSUBISHI-MF3129-LCDATXX Datasheet
254Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF3129-LSDATXX MITSUBISHI-MF3129-LSDATXX Datasheet
254Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF3129-LZCATXX MITSUBISHI-MF3129-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
More results

Similar Description - MF3129-LYCATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF365A-LCDATXX MITSUBISHI-MF365A-LCDATXX Datasheet
254Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF38M1-LCDAGXX MITSUBISHI-MF38M1-LCDAGXX Datasheet
258Kb / 9P
   8/16-bit Data Bus Static RAM Card
MF38M1-L6DAGXX MITSUBISHI-MF38M1-L6DAGXX Datasheet
316Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF365A-J9CATXX MITSUBISHI-MF365A-J9CATXX Datasheet
102Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF82M1-GMCAVXX MITSUBISHI-MF82M1-GMCAVXX Datasheet
148Kb / 22P
   8/16-bit Data Bus Flash Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com