Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X2408T-SR Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HN58X2408T-SR
Description  Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58X2408T-SR Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HN58X2408T-SR Datasheet HTML 6Page - Hitachi Semiconductor HN58X2408T-SR Datasheet HTML 7Page - Hitachi Semiconductor HN58X2408T-SR Datasheet HTML 8Page - Hitachi Semiconductor HN58X2408T-SR Datasheet HTML 9Page - Hitachi Semiconductor HN58X2408T-SR Datasheet HTML 10Page - Hitachi Semiconductor HN58X2408T-SR Datasheet HTML 11Page - Hitachi Semiconductor HN58X2408T-SR Datasheet HTML 12Page - Hitachi Semiconductor HN58X2408T-SR Datasheet HTML 13Page - Hitachi Semiconductor HN58X2408T-SR Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
HN58X2402/58X2404/58X2408/58X2416/58X2432/58X2464-SR
10
Functional Description
Start Condition
A high-to-low transition of the SDA with the SCL high is needed in order to start read, write operation.
(See start condition and stop condition)
Stop Condition
A low-to-high transition of the SDA with the SCL high is a stop condition. The stand-by operation starts
after a read sequence by a stop condition. In the case of write operation, a stop condition terminates the
write data inputs and place the device in a internally-timed write cycle to the memories. After the
internally-timed write cycle which is specified as t
WC, the device enters a standby mode. (See write cycle
timing)
Start Condition and Stop Condition
SCL
SDA
(in)
Stop condition
Start condition
Acknowledge
All addresses and data words are serially transmitted to and from in 8-bit words. The receiver sends a zero
to acknowledge that it has received each word. This happens during ninth clock cycle. The transmitter
keeps bus open to receive acknowledgment from the receiver at the ninth clock. In the write operation,
EEPROM sends a zero to acknowledge after receiving every 8-bit words. In the read operation, EEPROM
sends a zero to acknowledge after receiving the device address word. After sending read data, the
EEPROM waits acknowledgment by keeping bus open. If the EEPROM receives zero as an acknowledge,
it sends read data of next address. If the EEPROM receives acknowledgment "1" (no acknowledgment) and
a following stop condition, it stops the read operation and enters a stand-by mode. If the EEPROM
receives neither acknowledgment "0" nor a stop condition, the EEPROM keeps bus open without sending
read data.


Similar Part No. - HN58X2408T-SR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2408T HITACHI-HN58X2408T Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
HN58X2408TI HITACHI-HN58X2408TI Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2408TIE RENESAS-HN58X2408TIE Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - HN58X2408T-SR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE24CBK22 SANYO-LE24CBK22 Datasheet
193Kb / 20P
   Two Wire Serial Interface EEPROM (2K2K EEPROM)
logo
List of Unclassifed Man...
FT24C04A-ULR-T ETC2-FT24C04A-ULR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
logo
Sanyo Semicon Device
LE24CBP222 SANYO-LE24CBP222 Datasheet
186Kb / 20P
   Two Wire Serial Interface (2K2K EEPROM)
logo
Renesas Technology Corp
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com