Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X2408T Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HN58X2408T
Description  Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58X2408T Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HN58X2408T Datasheet HTML 6Page - Hitachi Semiconductor HN58X2408T Datasheet HTML 7Page - Hitachi Semiconductor HN58X2408T Datasheet HTML 8Page - Hitachi Semiconductor HN58X2408T Datasheet HTML 9Page - Hitachi Semiconductor HN58X2408T Datasheet HTML 10Page - Hitachi Semiconductor HN58X2408T Datasheet HTML 11Page - Hitachi Semiconductor HN58X2408T Datasheet HTML 12Page - Hitachi Semiconductor HN58X2408T Datasheet HTML 13Page - Hitachi Semiconductor HN58X2408T Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
HN58X2402/58X2404/58X2408/58X2416/58X2432/58X2464
10
Functional Description
Start Condition
A high-to-low transition of the SDA with the SCL high is needed in order to start read, write operation.
(See start condition and stop condition)
Stop Condition
A low-to-high transition of the SDA with the SCL high is a stop condition. The stand-by operation starts
after a read sequence by a stop condition. In the case of write operation, a stop condition terminates the
write data inputs and place the device in a internally-timed write cycle to the memories. After the
internally-timed write cycle which is specified as t
WC, the device enters a standby mode. (See write cycle
timing)
Start Condition and Stop Condition
SCL
SDA
(in)
Stop condition
Start condition
Acknowledge
All addresses and data words are serially transmitted to and from in 8-bit words. The receiver sends a zero
to acknowledge that it has received each word. This happens during ninth clock cycle. The transmitter
keeps bus open to receive acknowledgment from the receiver at the ninth clock. In the write operation,
EEPROM sends a zero to acknowledge after receiving every 8-bit words. In the read operation, EEPROM
sends a zero to acknowledge after receiving the device address word. After sending read data, the
EEPROM waits acknowledgment by keeping bus open. If the EEPROM receives zero as an acknowledge,
it sends read data of next address. If the EEPROM receives acknowledgment "1" (no acknowledgment) and
a following stop condition, it stops the read operation and enters a stand-by mode. If the EEPROM
receives neither acknowledgment "0" nor a stop condition, the EEPROM keeps bus open without sending
read data.


Similar Part No. - HN58X2408T

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2408T-SR HITACHI-HN58X2408T-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
HN58X2408TI HITACHI-HN58X2408TI Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2408TIE RENESAS-HN58X2408TIE Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - HN58X2408T

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
HN58X2408I HITACHI-HN58X2408I Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EV24064ASAS0I RENESAS-R1EV24064ASAS0I_15 Datasheet
546Kb / 17P
   Two-wire serial interface 64k EEPROM (8-kword ??8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_09 Datasheet
909Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com