Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2530AL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BU2530AL
Description  Silicon Diffused Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2530AL Datasheet(HTML) 4 Page - NXP Semiconductors

  BU2530AL Datasheet HTML 1Page - NXP Semiconductors BU2530AL Datasheet HTML 2Page - NXP Semiconductors BU2530AL Datasheet HTML 3Page - NXP Semiconductors BU2530AL Datasheet HTML 4Page - NXP Semiconductors BU2530AL Datasheet HTML 5Page - NXP Semiconductors BU2530AL Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2530AL
Fig.9. Typical collector storage and fall time.
ts = f (I
B); tf = f (IB); parameter IC; Tj = 85˚C; f = 32 kHz
Fig.10. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25˚C = f (Tmb)
Fig.11. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
Fig.12. Test Circuit RBSOA. V
CC = 150 V;
-V
BB = 1 - 5 V;
L
C = 1.5 mH; VCL = 1450 V; LB = 1 - 3 µH;
C
FB = 1 - 10 nF; IB(end) = 1.3 - 2.6 A
Fig.13. Reverse bias safe operating area. T
j ≤ Tjmax
012
34
0
2
4
6
8
10
ts/tf / us
BU2530AL
IB / A
LB
IBend
-VBB
LC
T.U.T.
VCC
VCL
CFB
0
20
40
60
80
100
120
140
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
BU2530/32AL
100
1000
1500
0
10
20
30
40
IC / A
VCE / V
Area where
fails occur
1.0E-06
1E-04
1E-02
1E+00
0.001
0.01
0.1
1
10
0.2
0.1
0.05
0.02
0.5
D = 0
Zth / K/W
BU2530AL/32AL
t / s
D =
tp
tp
T
T
P
t
D
September 1997
4
Rev 1.200


Similar Part No. - BU2530AL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU2530AW PHILIPS-BU2530AW Datasheet
69Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.000
More results

Similar Description - BU2530AL

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com