Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X2408FP-SR Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HN58X2408FP-SR
Description  Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58X2408FP-SR Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HN58X2408FP-SR Datasheet HTML 2Page - Hitachi Semiconductor HN58X2408FP-SR Datasheet HTML 3Page - Hitachi Semiconductor HN58X2408FP-SR Datasheet HTML 4Page - Hitachi Semiconductor HN58X2408FP-SR Datasheet HTML 5Page - Hitachi Semiconductor HN58X2408FP-SR Datasheet HTML 6Page - Hitachi Semiconductor HN58X2408FP-SR Datasheet HTML 7Page - Hitachi Semiconductor HN58X2408FP-SR Datasheet HTML 8Page - Hitachi Semiconductor HN58X2408FP-SR Datasheet HTML 9Page - Hitachi Semiconductor HN58X2408FP-SR Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
HN58X2402/58X2404/58X2408/58X2416/58X2432/58X2464-SR
6
AC Characteristics (Ta = –20 to +85˚C, V
CC = 1.8 to 5.5 V)
Test Conditions
• Input pules levels:
 V
IL = 0.2 × VCC
 V
IH = 0.8 × VCC
• Input rise and fall time: ≤ 20 ns
• Input and output timing reference levels: 0.5 × V
CC
• Output load: TTL Gate + 100 pF
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Clock frequency
f
SCL
400
kHz
Clock pulse width low
t
LOW
1200
ns
Clock pulse width high
t
HIGH
600
ns
Noise suppression time
t
I
50
ns
1
Access time
t
AA
100
900
ns
Bus free time for next mode
t
BUF
1200
ns
Start hold time
t
HD.STA
600
ns
Start setup time
t
SU.STA
600
ns
Data in hold time
t
HD.DAT
0—
ns
Data in setup time
t
SU.DAT
100
ns
Input rise time
t
R
300
ns
1
Input fall time
t
F
300
ns
1
Stop setup time
t
SU.STO
600
ns
Data out hold time
t
DH
50
ns
Write cycle time
V
CC = 2.7 V to 5.5 V
t
WC
10
ms
2
V
CC = 1.8 V to 2.7 V
t
WC
15
ms
2
Notes: 1. This parameter is sampled and not 100% tested.
2. t
WC is the time from a stop condition to the end of internally controlled write cycle.


Similar Part No. - HN58X2408FP-SR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2408FP HITACHI-HN58X2408FP Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
HN58X2408FPI HITACHI-HN58X2408FPI Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408FPIAGE RENESAS-HN58X2408FPIAGE Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408FPIE RENESAS-HN58X2408FPIE Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - HN58X2408FP-SR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE24CBK22 SANYO-LE24CBK22 Datasheet
193Kb / 20P
   Two Wire Serial Interface EEPROM (2K2K EEPROM)
logo
List of Unclassifed Man...
FT24C04A-ULR-T ETC2-FT24C04A-ULR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
logo
Sanyo Semicon Device
LE24CBP222 SANYO-LE24CBP222 Datasheet
186Kb / 20P
   Two Wire Serial Interface (2K2K EEPROM)
logo
Renesas Technology Corp
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com