Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMZ-C540 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSMZ-C540
Description  Oval Lens High Performance Surface Mount LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMZ-C540 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSMZ-C540 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMZ-C540 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMZ-C540 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMZ-C540 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMZ-C540 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMZ-C540 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMZ-C540 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMZ-C540 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Figure 1. Relative intensity vs. wavelength.
Figure 2. Forward current vs. forward voltage.
12
3
5
FORWARD VOLTAGE – V
0
5
30
45
4
20
40
25
10
35
15
InGaN GREEN
and BLUE
Figure 4. Maximum forward current vs.
ambient temperature.
Figure 3. Luminous intensity vs. forward current.
0
5
15
30
IF – FORWARD CURRENT – mA
0
0.2
1.4
25
0.8
1.2
0.4
1.0
0.6
10
20
InGaN
WAVELENGTH – nm
BLUE
1.0
0.5
0
350
450
550
650
750
RED
0.4
0.3
0.2
0.1
0.6
0.7
0.8
0.9
GREEN
AMBER
1.0
1.4
1.8
2.4
FORWARD VOLTAGE – V
0
5
30
2.2
20
25
10
15
1.2
1.6
2.0
AS AlInGaP
TS AlInGaP
0
5
15
30
IF – FORWARD CURRENT – mA
0
0.2
1.0
1.6
25
0.8
1.4
0.4
1.2
0.6
10
20
AMBER
RED
0 10
50
100
TA – AMBIENT TEMPERATURE – °C
0
5
35
80
20
30
10
25
15
20
60
AlInGaP
R
θJ-A = 600°C/W
30 40
70
90
InGaN


Similar Part No. - HSMZ-C540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSMZ-C110 ETC1-HSMZ-C110 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMZ-C110 AVAGO-HSMZ-C110 Datasheet
420Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMZ-C110 BOARDCOM-HSMZ-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
logo
List of Unclassifed Man...
HSMZ-C170 ETC1-HSMZ-C170 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMZ-C170 AVAGO-HSMZ-C170 Datasheet
420Kb / 11P
   High Performance ChipLED
More results

Similar Description - HSMZ-C540

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-S13VT ROHM-SML-S13VT Datasheet
326Kb / 12P
   Surface mount Lens LEDs
SML-S13RT ROHM-SML-S13RT Datasheet
874Kb / 10P
   Surface mount Lens LEDs
SML-S1X ROHM-SML-S1X Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
logo
Agilent(Hewlett-Packard...
HSMX-S660 HP-HSMX-S660 Datasheet
205Kb / 11P
   High Performance Surface Mount Chip LEDs
logo
Sanken electric
SEC4003 SANKEN-SEC4003 Datasheet
438Kb / 2P
   Side View Surface Mount LEDs (Inner Lens Type)
SEC1001 SANKEN-SEC1001_08 Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SEC1003 SANKEN-SEC1003_08 Datasheet
426Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG63 AVAGO-HLMP-LG63 Datasheet
472Kb / 9P
   Precision Optical Performance Red 4mm Standard Oval LEDs
logo
P-tec Corporation
PL1010SO-WCCW P-TEC-PL1010SO-WCCW Datasheet
34Kb / 1P
   Oval Lens High Power White SMD LED
logo
Sanken electric
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
   3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com