Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2273APVC-1 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2273APVC-1
Description  Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2273APVC-1 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2273APVC-1 Datasheet HTML 1Page - Cypress Semiconductor CY2273APVC-1 Datasheet HTML 2Page - Cypress Semiconductor CY2273APVC-1 Datasheet HTML 3Page - Cypress Semiconductor CY2273APVC-1 Datasheet HTML 4Page - Cypress Semiconductor CY2273APVC-1 Datasheet HTML 5Page - Cypress Semiconductor CY2273APVC-1 Datasheet HTML 6Page - Cypress Semiconductor CY2273APVC-1 Datasheet HTML 7Page - Cypress Semiconductor CY2273APVC-1 Datasheet HTML 8Page - Cypress Semiconductor CY2273APVC-1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CY2273A
3
Pin Summary
Name
Pins (-1, -4)
Pins (-2)
Pins (-3)
Description
VDDQ3
6, 14, 19, 30, 36,
48
6, 14, 19, 30, 36,
48
6, 14, 19, 30, 36
3.3V Digital voltage supply
VDDQ2
N/A
N/A
48
IOAPIC Digital voltage supply, 2.5V
VDDCPU
42
42
42
CPU Digital voltage supply, 2.5V or 3.3V
AVDD
1
1
23
Analog voltage supply, 3.3V
VSS
3, 9, 16, 22, 27,
33, 39, 45
3, 9, 16, 22, 27,
33, 39, 45
3, 9, 16, 22, 27,
33, 39, 45
Ground
XTALIN[2]
4
4
4
Reference crystal input
XTALOUT[2]
5
5
5
Reference crystal feedback
SDRAM7/
PCI_STOP
28
28
28
SDRAM clock output. Also, active low control input
to stop PCI clocks, enabled when MODE is LOW.
SDRAM6/
CPU_STOP
29
29
29
SDRAM clock output. Also, active low control input
to stop CPU clocks, enabled when MODE is LOW.
SDRAM5/
PWR_DWN
31
31
31
SDRAM clock output. Also, active low control input
to power down device, enabled when MODE is LOW.
SDRAM[0:4],
[8:11]
38, 37, 35, 34,
32, 21, 20, 18, 17
38, 37, 35, 34,
32, 21, 20, 18, 17
38, 37, 35, 34,
32, 21, 20, 18, 17
SDRAM clock outputs
SEL0
26
26
46
CPU frequency select input, bit 0 (See table below.)
SEL1
46
46
N/A
CPU frequency select input, bit 0 (See table below.)
CPUCLK[0:3]
44, 43, 41, 40
44, 43, 41, 40
44, 43, 41, 40
CPU clock outputs
PCICLK[0:5] or
PCICLK[0:3]
8, 10, 11, 12, 13,
15
8, 10, 11, 12
8, 10, 11, 12, 13,
15
PCI clock outputs, at 30 or 33.33 MHz
PCICLK_F
7
7
7
Free-running PCI clock output
AGPCLK[0:1]
N/A
13, 15
N/A
AGP clock outputs at 60 or 66.66 MHz
IOAPIC
N/A
N/A
47
IOAPIC clock output
REF0
2
2
2
3.3V Reference clock output
USBCLK
47
47
1
USB Clock output at 48 MHz
SDATA
23
23
24
Serial data input for serial configuration port
SCLK
24
24
25
Serial clock input for serial configuration port
MODE
25
25
26
Mode Select pin for enabling power management
features
Note:
2.
For best accuracy, use a parallel-resonant crystal, CLOAD = 18 pF.
Function Table (-1, -2 and -4)
SEL1
SEL0
CPU/PCI
Ratio
CPUCLK[0:3]
SDRAM[0:11]
PCICLK[0:5]
PCICLK_F
AGP
(-2 Only)
REF0
IOAPIC
USBCLK
0
0
2
60.0 MHz
30.0 MHz
60.0 MHz
14.318 MHz
48 MHz
0
1
2
66.67 MHz
33.33 MHz
66.66 MHz
14.318 MHz
48 MHz
1
0
2.5
75.0 MHz
30.0 MHz
60.0 MHz
14.318 MHz
48 MHz
1
1
2.5
83.33 MHz
33.33 MHz
66.66 MHz
14.318 MHz
48 MHz
Function Table (-3)
SEL0
CPU/PCI Ratio
CPUCLK[0:3]/SDRAM[0:11]
PCICLK[0:5],PCICLK_F
REF0/IOAPIC
USBCLK
0
2
60.0 MHz
30.0 MHz
14.318 MHz
48 MHz
1
2
66.67 MHz
33.33 MHz
14.318 MHz
48 MHz


Similar Part No. - CY2273APVC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22701 CYPRESS-CY22701 Datasheet
139Kb / 15P
   1 PLL In-System Programmable Clock Generator
CY22701FSXC CYPRESS-CY22701FSXC Datasheet
139Kb / 15P
   1 PLL In-System Programmable Clock Generator
CY22701FSXCT CYPRESS-CY22701FSXCT Datasheet
139Kb / 15P
   1 PLL In-System Programmable Clock Generator
CY22701FSXI CYPRESS-CY22701FSXI Datasheet
139Kb / 15P
   1 PLL In-System Programmable Clock Generator
CY22701FSXIT CYPRESS-CY22701FSXIT Datasheet
139Kb / 15P
   1 PLL In-System Programmable Clock Generator
More results

Similar Description - CY2273APVC-1

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2277A SPECTRALINEAR-CY2277A Datasheet
293Kb / 18P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop/ Mobile PCs with Intel짰 82430TX and 2 DIMMs or 3 SO-DIMMs
logo
Cypress Semiconductor
CY2277A CYPRESS-CY2277A Datasheet
206Kb / 19P
   6x86, K6 Clock Synthesizer/Driver for Desktop Mobile PCs with Intel 82430TX and 2 DIMMs or 3 SO-DIMMs
CY2283 CYPRESS-CY2283 Datasheet
219Kb / 12P
   PentiumII, K6, 6x86 100-MHz Clock Synthesizer/Driver for Desktop PCs with ALI or VIA Chipsets, AGP and 3 DIMMs
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
   100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
   100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
CY2314ANZ CYPRESS-CY2314ANZ_08 Datasheet
237Kb / 8P
   14 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Alliance Semiconductor ...
ASM2I2318ANZ ALSC-ASM2I2318ANZ Datasheet
547Kb / 13P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Cypress Semiconductor
CY2313ANZ CYPRESS-CY2313ANZ_07 Datasheet
209Kb / 8P
   13 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
CY2313ANZ CYPRESS-CY2313ANZ Datasheet
90Kb / 8P
   13 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Alliance Semiconductor ...
ASM2I2313ANZ ALSC-ASM2I2313ANZ Datasheet
513Kb / 13P
   13 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com