Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU1424K Datasheet(PDF) 30 Page - Rohm

Part # BU1424K
Description  NTSC / PAL digital RGB encoder
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1424K Datasheet(HTML) 30 Page - Rohm

Back Button BU1424K Datasheet HTML 22Page - Rohm BU1424K Datasheet HTML 23Page - Rohm BU1424K Datasheet HTML 24Page - Rohm BU1424K Datasheet HTML 25Page - Rohm BU1424K Datasheet HTML 26Page - Rohm BU1424K Datasheet HTML 27Page - Rohm BU1424K Datasheet HTML 28Page - Rohm BU1424K Datasheet HTML 29Page - Rohm BU1424K Datasheet HTML 30Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
30
Multimedia ICs
BU1424K
∗ When using the RGB input mode, TEST[2] should be fixed at LOW.
∗ In the Master mode, HSYNC is output at the timing shown on the previous page. For that reason, the timing of U
and V should be determined by counting from that falling edge. In the Slave mode, the HSY, U, and V data should
be input at the timing shown on the previous page.
Table 19
TEST2
(26pin)
CLKSW
(53pin)
0
0
1
1
0
1
0
1
In a doubled clock mode, the timing of U and V is as shown in Fig. 24
In a regular clock mode, the timing of U and V is as shown in Fig. 24
In a doubled clock mode, the timing of U and V is as shown in Fig. 25
In a regular clock mode, the timing of U and V is as shown in Fig. 25
VQFP64
QFP-A64
0.15
± 0.1
48
33
32
17
49
64
1
16
14.0
± 0.2
16.4
± 0.3
0.35
± 0.1
0.8
0.15
48
33
32
17
16
1
49
64
10.0
± 0.2
12.0
± 0.3
0.2
± 0.1
0.1
0.5
0.125
± 0.1
External dimensions (Units: mm)


Similar Part No. - BU1424K

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1425AK ROHM-BU1425AK Datasheet
307Kb / 32P
   NTSC / PAL digital RGB encoder
BU1425AKV ROHM-BU1425AKV Datasheet
307Kb / 32P
   NTSC / PAL digital RGB encoder
More results

Similar Description - BU1424K

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1425AK ROHM-BU1425AK Datasheet
307Kb / 32P
   NTSC / PAL digital RGB encoder
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Analog Devices
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Mitsubishi Electric Sem...
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
   DIGITAL NTSC/PAL ENCODER
M65675FP MITSUBISHI-M65675FP Datasheet
83Kb / 17P
   DIGITAL NTSC/PAL ENCODER
logo
Renesas Technology Corp
M65677FP RENESAS-M65677FP Datasheet
134Kb / 9P
   Digital NTSC/PAL Encoder
logo
STMicroelectronics
STV0116 STMICROELECTRONICS-STV0116 Datasheet
1Mb / 21P
   PAL/NTSC DIGITAL ENCODER
October 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com