Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1020V33-12ZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1020V33-12ZC
Description  32K x 16 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1020V33-12ZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1020V33-12ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1020V33-12ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1020V33-12ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1020V33-12ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1020V33-12ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1020V33-12ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1020V33-12ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1020V33-12ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1020V33-12ZC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
32K x 16 Static RAM
fax id: 1075
CY7C1020V
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
October 1996 – Revised April 13, 1998
Features
• 3.3V operation (3.0V - 3.6V)
• High speed
—tAA = 10 ns
• Low active power
— 540 mW (max., 12 ns)
• Very Low standby power
—330
µW (max., “L” version)
• Automatic power-down when deselected
• Independent Control of Upper and Lower bytes
• Available in 44-pin TSOP II and 400-mil SOJ
Functional Description
The CY7C1020V is a high-performance CMOS static RAM or-
ganized as 32,768 words by 16 bits. This device has an auto-
matic power-down feature that significantly reduces power
consumption when deselected.
Writing to the device is accomplished by taking chip enable
(CE) and write enable (WE) inputs LOW. If byte low enable
(BLE) is LOW, then data from I/O pins (I/O1 through I/O8), is
written into the location specified on the address pins (A0
through A14). If byte high enable (BHE) is LOW, then data from
I/O pins (I/O9 through I/O16) is written into the location speci-
fied on the address pins (A0 through A14).
Reading from the device is accomplished by taking chip en-
able (CE) and output enable (OE) LOW while forcing the write
enable (WE) HIGH. If byte low enable (BLE) is LOW, then data
from the memory location specified by the address pins will
appear on I/O1 to I/O8. If byte high enable (BHE) is LOW, then
data from memory will appear on I/O9 to I/O16. See the truth
table at the back of this datasheet for a complete description
of read and write modes.
The input/output pins (I/O1 through I/O16) are placed in a
high-impedance state when the device is deselected (CE
HIGH), the outputs are disabled (OE HIGH), the BHE and BLE
are disabled (BHE, BLE HIGH), or during a write operation (CE
LOW, and WE LOW).
The CY7C1020V is available in standard 44-pin TSOP type II
and 400-mil-wide SOJ packages.
Selection Guide
7C1020V-10
7C1020V-12
7C1020V-15
7C1020V-20
Maximum Access Time (ns)
10
12
15
20
Maximum Operating Current (mA)
130
120
110
100
L100
90
80
70
Maximum CMOS Standby Current (mA)
1
1
1
1
L0.1
0.1
0.1
0.1
WE
Logic Block Diagram
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
Top View
SOJ / TSOP II
12
13
41
44
43
42
16
15
29
30
VCC
NC
NC
OE
VSS
A0
I/O16
CE
I/O3
I/O1
I/O2
BHE
NC
1020V-2
18
17
20
19
I/O4
27
28
25
26
22
21
23
24
NC
VSS
I/O7
I/O5
I/O6
I/O8
A1
A2
BLE
VCC
I/O15
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
A3
A4
A5
A6
32K x 16
RAM Array
I/O1 – I/O8
A6
A5
A4
A3
A0
COLUMN DECODER
DATA IN DRIVERS
OE
A2
A1
I/O9 – I/O16
CE
WE
BLE
BHE
A 14
A 13
A 12
A 11
A 10
A9
A8
A7
1020V-1


Similar Part No. - CY7C1020V33-12ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
175Kb / 9P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
190Kb / 10P
   32K x 16 Static RAM
CY7C1020-10VC CYPRESS-CY7C1020-10VC Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020-10VC CYPRESS-CY7C1020-10VC Datasheet
175Kb / 9P
   32K x 16 Static RAM
More results

Similar Description - CY7C1020V33-12ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B Datasheet
180Kb / 10P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
175Kb / 9P
   32K x 16 Static RAM
CY7C1020BN CYPRESS-CY7C1020BN_10 Datasheet
424Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020_01 Datasheet
190Kb / 10P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B_06 Datasheet
507Kb / 9P
   32K x 16 Static RAM
CY7C1022 CYPRESS-CY7C1022 Datasheet
125Kb / 8P
   32K x 16 Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33 Datasheet
147Kb / 8P
   32K x 16 Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26 Datasheet
147Kb / 8P
   512Kb (32K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com