Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P87C58IFFFA Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P87C58IFFFA
Description  CMOS single-chip 8-bit microcontrollers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C58IFFFA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P87C58IFFFA Datasheet HTML 7Page - NXP Semiconductors P87C58IFFFA Datasheet HTML 8Page - NXP Semiconductors P87C58IFFFA Datasheet HTML 9Page - NXP Semiconductors P87C58IFFFA Datasheet HTML 10Page - NXP Semiconductors P87C58IFFFA Datasheet HTML 11Page - NXP Semiconductors P87C58IFFFA Datasheet HTML 12Page - NXP Semiconductors P87C58IFFFA Datasheet HTML 13Page - NXP Semiconductors P87C58IFFFA Datasheet HTML 14Page - NXP Semiconductors P87C58IFFFA Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Philips Semiconductors
Preliminary specification
87C54/87C58
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
3-225
DC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C, VCC = 5V ±10%, VSS = 0V
TEST
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP1
MAX
UNIT
VIL
Input low voltage, except EA
–0.5
0.2VCC–0.1
V
VIL1
Input low voltage to EA
0
0.2VCC–0.3
V
VIH1
Input high voltage, XTAL1, RST
0.7VCC
VCC+0.5
V
VOL
Output low voltage, ports 1, 2, 37
IOL = 1.6mA2
0.45
V
VOL1
Output low voltage, port 0, ALE, PSEN7
IOL = 3.2mA2
0.45
V
VOH
Output high voltage, ports 1, 2, 3 3
IOH = –30µA
VCC – 0.7
V
VOH1
Output high voltage (port 0 in external bus mode),
ALE8, PSEN3
IOH = –3.2mA
VCC – 0.7
V
IIL
Logical 0 input current, ports 1, 2, 3
VIN = 0.4V
–50
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 35
See note 4
–650
µA
ILI
Input leakage current, port 0
0.45 VIN < VCC – 0.3
±10
µA
ICC
Power supply current (See Figure 11):
Active mode @ 16MHz
See note 10
15
32
mA
Idle mode @ 16MHz
3
5
mA
Power-down mode
Tamb = 0 to +70°C
10
75
µA
Tamb = –40 to +85°C
100
µA
RRST
Internal reset pull-down resistor
40
225
k
CIO
Pin capacitance9 (except EA)
15
pF
NOTES:
1. Typical ratings are not guaranteed. The values listed are at room temperature, 5V.
2. Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOLs of ALE and ports 1 and 3. The noise is due
to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0 transitions during bus operations. In the
worst cases (capacitive loading > 100pF), the noise pulse on the ALE pin may exceed 0.8V. In such cases, it may be desirable to qualify
ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input. IOL can exceed these conditions provided that no
single output sinks more than 5mA and no more than two outputs exceed the test conditions.
3. Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the 0.9VCC specification when the
address bits are stabilizing.
4. Pins of ports 1, 2 and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2V.
5. This value applies to Tamb = 0°C to +70°C. For Tamb = –40°C to 85°C, ITL = –750µA.
6. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
7. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
15mA
Maximum IOL per 8-bit port:
26mA
Maximum total IOL for all outputs:
71mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed
test conditions.
8. ALE is tested to VOH1, except when ALE is off then VOH is the voltage specification.
9. Pin capacitance is characterized but not tested. Pin capacitance is less than 25pF. Pin capacitance of ceramic package is less than 15pF
(except EA it is 25pF).
10. See Figures 12 through 15 for ICC test condition.


Similar Part No. - P87C58IFFFA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P87C58 INTEL-P87C58 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
P87C58-1 INTEL-P87C58-1 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
P87C58-2 INTEL-P87C58-2 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
P87C58-24 INTEL-P87C58-24 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
P87C58-33 INTEL-P87C58-33 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - P87C58IFFFA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
logo
Samsung semiconductor
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
80C32 PHILIPS-80C32 Datasheet
663Kb / 62P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com