Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC224-10 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MAC224-10
Description  Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC224-10 Datasheet(HTML) 3 Page - Motorola, Inc

  MAC224-10 Datasheet HTML 1Page - Motorola, Inc MAC224-10 Datasheet HTML 2Page - Motorola, Inc MAC224-10 Datasheet HTML 3Page - Motorola, Inc MAC224-10 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAC224 Series MAC224A Series
3
Motorola Thyristor Device Data
FIGURE 7 – THERMAL RESPONSE
FIGURE 5 – HOLDING CURRENT
FIGURE 3 – GATE TRIGGER CURRENT
FIGURE 6 – TYPICAL ON-STATE CHARACTERISTICS
FIGURE 4 – GATE TRIGGER VOLTAGE
–60
120
–40
0
–20
20
40
60
80
100
140
TJ, JUNCTION TEMPERATURE (°C)
VD = 12 V
RL = 100 Ω
3.0
2.0
1.0
0.5
0.3
0.2
0.1
–60
120
–40
0
–20
20
40
60
80
100
140
TJ, JUNCTION TEMPERATURE (°C)
3.0
2.0
1.0
0.5
0.3
0.2
0.1
VD = 12 V
RL = 100 Ω
–60
120
–40
0
–20
20
40
60
80
100
140
TJ, JUNCTION TEMPERATURE (°C)
2.0
1.0
0.5
0.3
0.2
0.1
ITM = 200 mA
Gate Open
VTM, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
1.0
10
100
0
1.0
2.0
3.0
TJ = 25°C
1000
0.1
5 k
2 k
1 k
500
200
100
50
20
10 k
Z
θJC(t) = r(t) RθJC
t, TIME (ms)
1
0.2
0.5
5
0.02
0.1
0.01
2
1
0.5
0.2
0.05


Similar Part No. - MAC224-10

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MAC224-10 DIGITRON-MAC224-10 Datasheet
186Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
MAC224-10 NJSEMI-MAC224-10 Datasheet
114Kb / 3P
   Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
More results

Similar Description - MAC224-10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC224A MOTOROLA-MAC224A Datasheet
53Kb / 4P
   Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
logo
New Jersey Semi-Conduct...
MAC224 NJSEMI-MAC224 Datasheet
114Kb / 3P
   Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
MAC229 NJSEMI-MAC229 Datasheet
121Kb / 3P
   Triacs Silicon Bidirectional Triode Thyristors
logo
Motorola, Inc
T4120 MOTOROLA-T4120 Datasheet
88Kb / 2P
   Triacs Silicon Bidirectional Triode Thyristors
logo
New Jersey Semi-Conduct...
MAC320 NJSEMI-MAC320 Datasheet
106Kb / 2P
   Triacs Silicon Bidirectional Triode Thyristors
T6400 NJSEMI-T6400 Datasheet
95Kb / 2P
   Triacs Silicon Bidirectional Triode Thyristors
logo
Motorola, Inc
2N6342 MOTOROLA-2N6342 Datasheet
114Kb / 6P
   TRIACS Silicon Bidirectional Triode Thyristors
logo
New Jersey Semi-Conduct...
MAC228 NJSEMI-MAC228 Datasheet
129Kb / 3P
   Triacs Silicon Bidirectional Triode Thyristors
T6420 NJSEMI-T6420 Datasheet
95Kb / 2P
   Triacs Silicon Bidirectional Triode Thyristors
MAC50A NJSEMI-MAC50A Datasheet
92Kb / 2P
   Triacs Silicon Bidirectional Triode Thyristors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com