Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC237M1R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC237M1R
Description  3 TO 8 LINE DECODER LATCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC237M1R Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC237M1R Datasheet HTML 1Page - STMicroelectronics M74HC237M1R Datasheet HTML 2Page - STMicroelectronics M74HC237M1R Datasheet HTML 3Page - STMicroelectronics M74HC237M1R Datasheet HTML 4Page - STMicroelectronics M74HC237M1R Datasheet HTML 5Page - STMicroelectronics M74HC237M1R Datasheet HTML 6Page - STMicroelectronics M74HC237M1R Datasheet HTML 7Page - STMicroelectronics M74HC237M1R Datasheet HTML 8Page - STMicroelectronics M74HC237M1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
July 2001
s
HIGH SPEED:
tPD = 16ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 237
DESCRIPTION
The M74HC237 is an high speed CMOS 3 TO 8
LINE DECODER fabricated with silicon gate
C2MOS technology.
When GL goes from low to high, the address
present at the select inputs (A, B, C) is stored in
the latches. As long as GL remains high no
address changes will be recognized. Output
enable controls, G1 and G2 control the state of the
outputs
independently
of
the
select
or
latch-enable inputs. All of the outputs are low
unless G1 is high and G2 is low. The M74HC237
is
ideally
suited
for
the
implementation
of
glitch-free
decoders
in
stored-address
applications in bus oriented systems.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC237
3 TO 8 LINE DECODER LATCH
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC237B1R
SOP
M74HC237M1R
M74HC237RM13TR
TSSOP
M74HC237TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC237M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC237M1R STMICROELECTRONICS-M74HC237M1R Datasheet
256Kb / 11P
   3 TO 8 LINE DECODER LATCH
More results

Similar Description - M74HC237M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC131 STMICROELECTRONICS-M54HC131 Datasheet
262Kb / 12P
   3 TO 8 LINE DECODER/LATCH
logo
Toshiba Semiconductor
TC74HC237AP TOSHIBA-TC74HC237AP Datasheet
299Kb / 7P
   3- TO - 8 LINE DECODER/LATCH
TC74HC237AP TOSHIBA-TC74HC237AP_07 Datasheet
384Kb / 9P
   3-to-8 Line Decoder/Latch
logo
STMicroelectronics
M54HC237 STMICROELECTRONICS-M54HC237 Datasheet
256Kb / 11P
   3 TO 8 LINE DECODER LATCH
M54HCT137 STMICROELECTRONICS-M54HCT137 Datasheet
260Kb / 12P
   3 TO 8 LINE DECODER/LATCH INVERTING
M54HC137 STMICROELECTRONICS-M54HC137 Datasheet
256Kb / 11P
   3 TO 8 LINE DECODER/LATCH INVERTING
logo
Fairchild Semiconductor
MM74HC259 FAIRCHILD-MM74HC259 Datasheet
76Kb / 7P
   8-Bit Addressable Latch/3-to-8 Line Decoder
logo
STMicroelectronics
M54HC237 STMICROELECTRONICS-M54HC237_04 Datasheet
196Kb / 10P
   RAD-HARD 3 TO 8 LINE DECODER LATCH
M54HC137 STMICROELECTRONICS-M54HC137_04 Datasheet
224Kb / 10P
   RAD-HARD 3 TO 8 LINE DECODER/LATCH (INVERTING)
logo
Renesas Technology Corp
HD74HC237 RENESAS-HD74HC237 Datasheet
72Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com